Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8664 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8664
Description  Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8664 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8664 Datasheet HTML 7Page - Analog Devices AD8664 Datasheet HTML 8Page - Analog Devices AD8664 Datasheet HTML 9Page - Analog Devices AD8664 Datasheet HTML 10Page - Analog Devices AD8664 Datasheet HTML 11Page - Analog Devices AD8664 Datasheet HTML 12Page - Analog Devices AD8664 Datasheet HTML 13Page - Analog Devices AD8664 Datasheet HTML 14Page - Analog Devices AD8664 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8661/AD8662/AD8664
Rev. E | Page 11 of 16
TIME (5µs/DIV)
0V
8V
–100mV
0V
VIN
VO
VS = 16V
G = –100
Figure 25. Negative Overload Recovery
FREQUENCY (Hz)
1
1
1k
100
10
10k
1k
100
10
VS = ±2.5V AND ±8V
Figure 26. Voltage Noise Density vs. Frequency
VOS (µV)
–150
0
1800
1600
1400
1200
1000
800
600
400
200
150
100
50
0
–50
–100
VS = 5V
TA = 25°C
VCM = –0.1V TO +3V
Figure 27. Input Offset Voltage Distribution
TCVOS (µV/°C)
0
0
16
14
12
10
8
6
4
2
10
9
8
7
6
5
4
3
2
1
VS = 5V
TA = –40°C TO +125°C
VCM = 2.5V
Figure 28. Offset Voltage Drift Distribution
COMMON-MODE VOLTAGE (V)
–200
200
–100
0
50
100
150
–50
–150
3.5
3.0
2.5
2.0
1.5
1.0
0
–0.5
0.5
VS = 5V
TA = 25°C
Figure 29. Input Offset Voltage vs. Common-Mode Voltage
LOAD CURRENT (mA)
0.001
0.01
0.1
1
10
20
0.1
10k
1k
100
10
1
VDD = 5V
VOL
SINKING
VDD – VOH
SOURCING
Figure 30. Output Swing Saturation Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com