Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL652-SC Datasheet(PDF) 13 Page - Laird Tech Smart Technology

Part # BL652-SC
Description  Input with active low logic. Internal pull down
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BL652-SC Datasheet(HTML) 13 Page - Laird Tech Smart Technology

Back Button BL652-SC Datasheet HTML 9Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 10Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 11Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 12Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 13Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 14Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 15Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 16Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 17Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
BL652
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
13
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Pin
#
Pin Name
Default
Function
Alternate
Function
In/
Out
Pull
Up/
Down
nRF52832
QFN Pin
nRF52832
QFN Name
Comment
23
SIO_02/
AIN0
SIO_02
AIN0
IN
PULL-
DOWN
4
PO.02/AIN0
Internal pull-down
24
SIO_01/
XL2
SIO_01
XL2
IN
PULL-
UP
3
PO.01/XL2
Laird Devkit: Optional 32.768kHz
crystal pad XL2
25
SIO_00/
XL1
SIO_00
XL1
IN
PULL-
UP
2
PO.00/XL1
Laird Devkit: Optional 32.768kHz
crystal pad XL1
26
VDD_nRF
-
-
-
-
-
-
1.7V to 3.6V
27
GND
-
-
-
-
-
-
-
28
SIO_13/
nAutoRUN
nAutoRUN
SIO_13
IN
PULL-
DOWN
16
PO.13
Laird Devkit: FTDI USB_DTR via
jumper on J12pin1-2.
29
SIO_15
SIO_15
-
IN
PULL-
UP
18
PO.15
Laird Devkit: BUTTON2
30
SIO_17
SIO_17
-
IN
PULL-
UP
20
PO.17
Laird Devkit: LED1
31
SIO_19
SIO_19
-
IN
PULL-
UP
22
PO.19
Laird Devkit: LED2
32
SIO_31/
AIN7
SIO_31
AIN7
IN
PULL-
UP
43
PO.31/AIN7
-
33
SIO_30/
AIN6
SIO_30
AIN6
IN
PULL-
UP
42
PO.30/AIN6
-
34
SIO_29/
AIN5
SIO_29
AIN5
IN
PULL-
UP
41
PO.29/AIN5
-
35
SIO_28/
AIN4
SIO_28
AIN4
IN
PULL-
UP
40
PO.28/AIN4
-
36
SIO_27/
I2C_SCL
SIO_27
I2C_SCL
IN
PULL-
UP
39
PO.27
Laird Devkit: I2C RTC chip. I2C
clock line.
37
SIO_26/
I2C_SDA
SIO_26
I2C_SDA
IN
PULL-
UP
38
PO.26
Laird Devkit: I2C RTC chip. I2C
data line.
38
SIO_25/
SPI_CLK
SIO_25
SPI_CLK
IN
PULL-
UP
37
PO.25
Laird Devkit: SPI EEPROM.
SPI_Eeprom_CLK, Output
SPIOPEN() in smartBASIC selects
SPI function, MOSI and CLK are
outputs when in SPI master mode.
39
GND
-
-
-
-
-
-
-
Pin Definition Notes:
Note 1 SIO = Signal Input or Output. Secondary function is selectable in smartBASIC application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com