Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL652-SC Datasheet(PDF) 9 Page - Laird Tech Smart Technology

Part # BL652-SC
Description  Input with active low logic. Internal pull down
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BL652-SC Datasheet(HTML) 9 Page - Laird Tech Smart Technology

Back Button BL652-SC Datasheet HTML 5Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 6Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 7Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 8Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 9Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 10Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 11Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 12Page - Laird Tech Smart Technology BL652-SC Datasheet HTML 13Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
BL652
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
9
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Module Specification Notes:
Note 2 With I2C interface selected, pull-up resistors on I2C SDA and I2C SCL must be connected externally as
per I2C standard.
Note 3 SPI interface (master) consists of SPI MOSI, SPI MISO, and SPI CLK. SPI CS is created by using any
spare SIO pin within the smartBASIC application script allowing multi-dropping.
Note 4 The BL652 module comes loaded with smartBASIC runtime engine firmware but does not come
loaded with any smartBASIC application script (as that is dependent on customer-end application or
use). Laird provides many sample smartBASIC application scripts covering the services listed.
Additional BLE services are being added every quarter.
Note 5 Use of the internal DCDC convertor or LDO is decided by the underlying BLE stack.
Note 6 These figures are measured on the BL652-Sx-xx.
Deep Sleep current for BL652-Sx-xx ~400nA (typical)
Standby Doze current for BL652-xx-A1 1.2uA (typical)
Note 7 PWM output signal has a frequency and duty cycle property. PWM output is generated using
dedicated hardware in the chipset. There is a trade-off between PWM output frequency and
resolution.
For example:
PWM output frequency of 500 kHz (2 uS) results in resolution of 1:2.
PWM output frequency of 100 kHz (10 uS) results in resolution of 1:10.
PWM output frequency of 10 kHz (100 uS) results in resolution of 1:100.
PWM output frequency of 1 kHz (1000 uS) results in resolution of 1:1000.
Refer to the smartBASIC user guide for details. It’s available from the Laird BL652 product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com