Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3036 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSSC3036
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3036 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSSC3036 Datasheet HTML 1Page - Integrated Device Technology ZSSC3036 Datasheet HTML 2Page - Integrated Device Technology ZSSC3036 Datasheet HTML 3Page - Integrated Device Technology ZSSC3036 Datasheet HTML 4Page - Integrated Device Technology ZSSC3036 Datasheet HTML 5Page - Integrated Device Technology ZSSC3036 Datasheet HTML 6Page - Integrated Device Technology ZSSC3036 Datasheet HTML 7Page - Integrated Device Technology ZSSC3036 Datasheet HTML 8Page - Integrated Device Technology ZSSC3036 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Low-Power, High-Resolution 16-Bit
Sensor Signal Conditioner
ZSSC3036
Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 20, 2016
Applications
Barometric altitude measurement for
portable navigation or emergency call
systems
Altitude measurement for car navigation
Inside hard disk pressure measurement
Weather forecast
Fan control
Industrial, pneumatic, and liquid pressure
ZSSC3036
Block Diagram
Ordering Information (See section 6 in the data sheet for additional options for delivery package and wafer thickness of 725µm.)
Sales Code
Description
Delivery Package
ZSSC3036CC1B
Die—temperature range: –40°C to +85 °C
Wafer (304µm) unsawn, tested
ZSSC3036CI1B
Die—temperature range: –40°C to +85 °C, extended qualification
Wafer (304µm) unsawn, tested
ZSSC3036CC1C
Die—temperature range: –40°C to +85°C
Dice on frame (304µm), tested
ZSSC3036CI1BH
Die—temperature range: –40°C to +110 °C, extended qualification
Wafer (304µm) unsawn, tested
ZSSC3036CI1CH
Die—temperature range: –40°C to +110 °C, extended qualification
Dice on frame (304µm), tested
ZSSC30x6-KIT
Evaluation Kit for ZSSC30x6 Product Family, including boards, cable, software, and 1 sample
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.
Sensor
Bridge
AGND / CM
Generator
Bias Current
Generator
Power-ON
Reset
Temperature
Reference
Sensor
18-bit DSP Core
(Calculations,
Communication)
MTP
ROM
System
Control
Unit
Pre-
Amplifier
VTP
VTN
EOC
INP
INN
VDD
VSSB
Ring
Oscillator
Clock
Generator
SEL
SPI
I²C
TM
SCLK/SCL
MISO
MOSI/SDA
SS
VSS
Voltage
Regulator
Power Ctr.
Vreg int
A
D
16 Bit
VDDB
ZSSC3036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com