Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3036 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZSSC3036
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3036 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZSSC3036 Datasheet HTML 17Page - Integrated Device Technology ZSSC3036 Datasheet HTML 18Page - Integrated Device Technology ZSSC3036 Datasheet HTML 19Page - Integrated Device Technology ZSSC3036 Datasheet HTML 20Page - Integrated Device Technology ZSSC3036 Datasheet HTML 21Page - Integrated Device Technology ZSSC3036 Datasheet HTML 22Page - Integrated Device Technology ZSSC3036 Datasheet HTML 23Page - Integrated Device Technology ZSSC3036 Datasheet HTML 24Page - Integrated Device Technology ZSSC3036 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
ZSSC3036 Datasheet
© 2016 Integrated Device Technology, Inc.
21
April 20, 2016
Figure 3.1
Operational Flow Chart: Power Up
Receive: Command
HV-Operation
LV-Operation
SEL==1
no (SPI)
yes (I
2CTM)
I
2CTM - Interface
SPI - Interface
Command: load IC-I²C Addr.
LV Operation
IC Power On
Power down (switch
off LV and wait for
command)
Save: IC I²C Address /
Data / Status
Color Legend:
Received I²C
Slave_Addr == IC I²C
Slave_Addr
yes
IO_mode = I
2CTM
IO_mode = SPI
Switch off pull-up at SEL
Execute: Data Fetch
Read_bit == 1
(Data fetch)
yes
no
CommandMode
==active
yes
no
Power up LV
Command: load I/O setup
LV Operation
Save: Setup / Data /
Status
Power up LV
Power down (switch
off LV and wait for
command)
SS == 1
yes
Execute: Data Fetch
Received CMD ==
Read_DF
yes
CommandMode
==active
yes
no
no
Receive: Command
no
no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com