Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2374 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MB2374
Description  Dual octal D-type flip-flop; positive-edge trigger (3-State)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2374 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MB2374 Datasheet HTML 2Page - NXP Semiconductors MB2374 Datasheet HTML 3Page - NXP Semiconductors MB2374 Datasheet HTML 4Page - NXP Semiconductors MB2374 Datasheet HTML 5Page - NXP Semiconductors MB2374 Datasheet HTML 6Page - NXP Semiconductors MB2374 Datasheet HTML 7Page - NXP Semiconductors MB2374 Datasheet HTML 8Page - NXP Semiconductors MB2374 Datasheet HTML 9Page - NXP Semiconductors MB2374 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
MB2374
16-bit D-type flip-flop; positive-edge trigger (3-State)
1993 Aug 23
6
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to +85oC
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MIN
ts(H)
ts(L)
Setup time, High or Low
nDx to nCP
2
1.0
1.0
0.3
0.1
1.0
1.0
ns
th(H)
th(L)
Hold time, High or Low
nDx to nCP
2
1.0
1.0
–0.1
–0.3
1.0
1.0
ns
tw(H)
tw(L)
nCP pulse width
High or Low
1
2.8
2.8
1.2
1.5
2.8
2.8
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
tw(H)
tw(L)
VM
VM
VM
VM
VM
1/fMAX
tPHL
tPLH
nCP
nQx
SB00066
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
VM
nDx
VM
VM
VM
VM
VM
nCP
ts(H)
th(H)
ts(L)
th(L)
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
SB00067
Waveform 2. Data Setup and Hold Times
OE
VM
tPZH
tPHZ
0V
VOH –0.3V
nQx
VM
VM
SB00068
VOH
Waveform 3. 3–State Output Enable Time to High Level and
Output Disable Time from High Level
OE
tPZL
tPLZ
VOL +0.3V
nQx
VM
VM
VM
SB00069
VOL
Waveform 4. 3–State Output Enable Time to Low Level and
Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com