Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2374 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MB2374
Description  Dual octal D-type flip-flop; positive-edge trigger (3-State)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2374 Datasheet(HTML) 2 Page - NXP Semiconductors

  MB2374 Datasheet HTML 1Page - NXP Semiconductors MB2374 Datasheet HTML 2Page - NXP Semiconductors MB2374 Datasheet HTML 3Page - NXP Semiconductors MB2374 Datasheet HTML 4Page - NXP Semiconductors MB2374 Datasheet HTML 5Page - NXP Semiconductors MB2374 Datasheet HTML 6Page - NXP Semiconductors MB2374 Datasheet HTML 7Page - NXP Semiconductors MB2374 Datasheet HTML 8Page - NXP Semiconductors MB2374 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
MB2374
16-bit D-type flip-flop; positive-edge trigger (3-State)
2
1993 Aug 23
853–1625 10583
FEATURES
• Two 8-bit positive edge triggered registers
• Live insertion/extraction permitted
• Power-up 3-State
• Power-up reset
• Multiple V
CC and GND pins minimize switching noise
• 3-State output buffers
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The MB2374 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The MB2374 has two 8-bit, edge triggered registers, with each
register coupled to eight 3-State output buffers. The two sections of
each register are controlled independently by the clock (nCP) and
Output Enable (nOE) control gates.
Each register is fully edge triggered. The state of each D input, one
set-up time before the Low-to-High clock transition, is transferred to
the corresponding flip-flop’s Q output.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors. Each
active-Low Output Enable (nOE) controls all eight 3-State buffers for
its register independent of the clock operation.
When nOE is Low, the stored data appears at the outputs for that
register. When nOE is High, the outputs for that register are in the
High-impedance “OFF” state, which means they will neither drive
nor load the bus.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nCP to nQx
CL = 50pF; VCC = 5V
3.4
3.6
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
120
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
52–pin plastic Quad Flat Pack
–40
°C to +85°C
MB2374 BB
MB2374 BB
SOT379-1
PIN CONFIGURATION
52
1Q7
2Q1
GND
GND
GND
1Q5
2Q3
VCC
2Q2
1Q4
2Q0
1Q6
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
1D7
2D1
GND
GND
GND
1D5
2D3
VCC
2D2
1D4
2D0
1D6
VCC
39
38
37
36
35
34
33
32
31
30
29
28
27
19
22
20
23
17
16
25
26
24
15
14
21
18
47
44
46
43
49
50
41 40
42
51
45
48
52-pin PQFP
SB00062
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
44, 43, 41, 40,
38, 37, 35, 34,
32, 31, 29, 28,
26, 25, 23, 22
1D0 – 1D7
2D0 – 2D7
Data inputs
48, 49, 51, 52,
2, 3, 5, 6,
8, 9, 11, 12,
14, 15, 17, 18
1Q0 – 1Q7
2Q0 – 2Q7
Data outputs
47, 19
1OE, 2OE
Output enable inputs
(active-Low)
45, 21
1CP, 2CP
Clock pulse inputs
(active rising edge)
4, 7, 10, 16, 20, 24,
30, 33, 36, 42, 46, 50
GND
Ground (0V)
1, 13, 27, 39
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com