Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0003 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # HT0003
Description  Chemical Resistance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

HT0003 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  HT0003 Datasheet HTML 1Page - Laird Tech Smart Technology HT0003 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eccostock®HT0003
RFP-DS-HT0003 112515
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird Technologies materials rests with the end user. Laird
Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any
kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license
under any Laird Technologies or any third party intellectual property rights.
AVAILABILITY
• Eccostock HT0003 is available in the following standard sizes:
• Sheets 12” x 12” (30.5cm x 30.5cm) in thicknesses of 1/8, 1/4, 3/8, 1/2, 5/8, 3/4, 1.0, 1.5,
2.0, 2.5 & 3.0” (0.32, 0.64, 0.95, 1.27, 1.59, 1.91, 2.54, 3.81, 5.08, 6.35 & 7.62 cm)
• Rods 12” long (30.5cm) in diameters of 1/8, 1/4, 3/8, 1/2, 5/8, 3/4, 1.0, 1.5, 2.0, 2.5 &
3.0” (0.32, 0.64, 0.95, 1.27, 1.59, 1.91, 2.54, 3.81, 5.08, 6.35 & 7.62 cm)
• Other sizes, shapes, thicknesses, and configurations are available on special order.
INSTRUCTIONS FOR USE
• Eccostock HT0003 is easy to machine and a smooth low friction surface is readily
obtainable. It will not gum on machining which can be done with standard cutting and
grinding tools
• It can be bonded without etching.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com