Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0003 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # HT0003
Description  Chemical Resistance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

HT0003 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  HT0003 Datasheet HTML 1Page - Laird Tech Smart Technology HT0003 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Eccostock®HT0003
High Temperature, Low Loss Rod and Sheet
HIGH TEMPERATURE LOW LOSS MATERIAL
Eccostock HT0003 is a rigid, low loss, high temperature, inert material. It is based on a
thermosetting hydrocarbon resin and is filled with polytetrafluoroethylene giving it many of
the desirable features of Teflon®. These include low loss, low friction surface, chemical
resistance, etc. Eccostock HT0003 will not flow at high temperatures, but the surface may
darken with no effect on the bulk properties of the material.
FEATURES AND BENEFITS
• Low loss
• Chemical Resistance
MARKETS
• Commercial Telecom
• Security and Defense
SPECIFICATIONS
TYPICAL PROPERTIES
ECCOSTOCK HT0003
Service Temperature °C (°F)
<149 (<300)
Density g/cc
1.50
Dielectric Constant, 100 Hz to 10 GHz
2.2
Dielectric Strength, volts/mil (kv/mm)
500 (19.5)
Dissipation Factor
<0.0003
Insulation Resistance, ohm-cm
10
16
Flexural Strength, kg/cm
2 (psi)
157.5 (2,250)
Coefficient of Linear Expansion, cm/cm/°C
90x10
-6
Water absorption (%gain in 24h at 25°C)
0.02
Tensile Strength/Yield Strength, psi
1,400
Modulus of Elasticity, psi
20,450
Outgassing
(%TML) (%CVCM)*
2.44/0.241
Data for design engineer guidance only. Observed performance varies in application. Engineers are
reminded to test the material in application.
* Outgassing data per ASTM E595-07; criteria for acceptability is 1.00% TML and 0.10% CVCM.
APPLICATIONS
• Eccostock HT0003 is used for a variety of electrical insulating applications, stand-offs,
dielectric windows, cavity tuning probes, patch antennas, and support pieces.
Americas: +1.866.928.8181
Europe: +49.(0)8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com


Similar Part No. - HT0003

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HT0001 HBH-HT0001 Datasheet
13Kb / 1P
1 - 150 MHz Voltage Controlled Attenuator
More results

Similar Description - HT0003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR543 ETC1-CR543 Datasheet
197Kb / 2P
Chemical resistant FRP lining system
logo
Alpha Wire
FIT-500-30 ALPHAWIRE-FIT-500-30 Datasheet
95Kb / 1P
Supreme Chemical Resistance
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
Chemical analyzers
logo
Integrated Device Techn...
SGAS707 IDT-SGAS707 Datasheet
655Kb / 15P
Industrial Organic Chemical Sensor
logo
MKS Instruments.
AIRGARDPLUS MKS-AIRGARDPLUS Datasheet
206Kb / 2P
AMBIENT AIR ANALYZER FOR CONTINUOUS CHEMICAL
logo
Analog Devices
ADUCM355 AD-ADUCM355 Datasheet
808Kb / 28P
Precision Analog Microcontroller with Chemical Sensor Interface
4/2020-Rev. B to Rev. C
logo
Ultralife Corporation.
UB0009 ULTRALIFE-UB0009 Datasheet
424Kb / 2P
Chemical agent monitors
Rev: F
logo
Renesas Technology Corp
SGAS707 RENESAS-SGAS707 Datasheet
890Kb / 16P
Industrial Organic Chemical Sensor
October 25, 2017
logo
Endress+Hauser Group Se...
CPS71E EH-CPS71E Datasheet
873Kb / 12P
pH sensor for chemical process applications
2021-03-08
CPS72E EH-CPS72E Datasheet
838Kb / 12P
ORP sensor for chemical process applications
2021-01-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com