Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML90.200 Datasheet(PDF) 2 Page - PULS GmbH

Part # ML90.200
Description  24V 3.75A, TWO-PHASE INPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML90.200 Datasheet(HTML) 2 Page - PULS GmbH

  ML90.200 Datasheet HTML 1Page - PULS GmbH ML90.200 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ML90.200
MiniLine
24V 3.75A, TWO-PHASE INPUT
ML90.200 Rev 1.0-EN / All parameters are specified at 24V, 3.75A, 400Vac and 25°C ambient unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/2
OUTPUT
Output voltage
nom DC 24V
Adjustment range min
24V-28V
Factory set
typ
24.5V
Output current
nom 3.75A at 24V, 3.2A at 28V
Line regulation
max
20mV
323…552Vac
Load regulation
max
240mV
static regulation
Serial use
not allowed
Parallel use
not allowed
Return voltage
max
35V
OVP
typ
34V
max
39V
Output voltage vs. output current, typ.
Output Voltage
0
02
4
4
8
12
28V
16
20
24
8A
5
3
1
67
Adjustment
Range
Output Current
Output current vs. ambient temperature
Allowable Output
Current at 24V
0
-10
0
20
40
70°C
1
2
3
4
5A
60
Ambient Temperature
Ambient temp. is defined 2cm below the unit
SAFETY AND PROTECTION
Input / output insulation
SELV
IEC/EN 60950-1
PELV
EN 60204-1
3000Vac 2s type test
Degree of pollution
2
EN 50178
Degree of protection
IP 20
EN/IEC 60529
Class of protection
I
PE required
Over-voltage category
III
EN 50178
Internal input fuse
T3A15
in L1,
not accessible
Temperature protection
not included
TERMINALS AND WIRING
Type
Bi-stable, quick-connect spring clamp
terminals. Shipped in open position.
Solid wire
0.3-2.5mm
2
Stranded wire
0.3-2.5mm
2
AWG
AWG 26-12
Stripping length 6mm / 0.25inch
Ferrules
allowed, but not required
EMC
EMC Immunity
EN 61000-6-1, EN 61000-6-2
EMC Emission
EN61000-6-3, EN 61000-6-4
EN 55011, EN 55022, FCC-15
Harmonic input current
EN61000-3-2 (PFC)
Flicker
EN61000-3-3
APPROVALS
UL 508
Industrial Control Equipment
UL 60950-1
Information Technology Equipment
NEC Class 2
According to NEC (National Electrical
Code) Article 725-41 (4).
Listed as Limited Power Source (LPS)
in the UL 60950-1 UL report.
FULFILLED STANDARDS
EN 61558-2-17
Safety of Power Transformers
EN/IEC 60204-1 Safety of Electrical Equip. of Machines
EN/IEC 60950-1 Information Technology Equipment
EN/IEC 61131-2 Programmable Controllers
EN 50178
Electronic Equip. Power Installations
DIMENSIONS AND WEIGHT
Use 35mm DIN-rails according to EN 60715 or EN 50022 with a
height of 7.5 or 15mm. The DIN-rail height must be added to the
depth (103mm) to calculate the total required installation depth.
Weight
max
360g
0.79lb
The power supply shall only be installed and put into operation by qualified personnel. This power supply is designed for installation in an enclosure
and is intended for the general use, such as in industrial control, office, communication, and instrumentation equipment. Do not use this device in
aircraft, trains and nuclear equipment, where malfunctioning of the power supply may cause severe personal injury or threaten human life. The
information presented in this document is believed to be accurate and reliable and may change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com