Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML90.200 Datasheet(PDF) 1 Page - PULS GmbH

Part # ML90.200
Description  24V 3.75A, TWO-PHASE INPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML90.200 Datasheet(HTML) 1 Page - PULS GmbH

  ML90.200 Datasheet HTML 1Page - PULS GmbH ML90.200 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML90.200
MiniLine
24V 3.75A, TWO-PHASE INPUT
ML90.200 Rev 1.0-EN / All parameters are specified at 24V, 3.75A, 400Vac and 25°C ambient unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
1/2
POWER SUPPLY
■
NEC Class 2 Compliant
■
2AC 380-480V
■
2 Phase Input
■
No Neutral Wire Required
■
Input Fuse Included
■
Efficiency up to 90.0%
■
Full Output Power Between -10°C and +60°C
■
Quick-connect Spring-clamp Terminals
■
3 Year Warranty
GENERAL DESCRIPTION
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24-28V
guaranteed
Output current
3.75-3.2A
Output power
90W
Output ripple
< 50mVpp
20Hz to 20MHz
Input voltage
2AC 380-480V
±15%
Mains frequency
50-60Hz
±6%
AC Input current
typ. 0.42 / 0.36A
at 400 / 480Vac
Power factor
typ. 0.6 / 0.55
at 400 / 480Vac
AC Inrush current
typ. 36 / 45A
at 400 / 480Vac
Hold-up time
typ. 52 / 93ms
at 400 / 480Vac
DC Input
consult PULS
Efficiency
89.5 / 89.0%
at 400 / 480Vac
Losses
10.5 / 11.1W
at 400 / 480Vac
Temperature range -10°C to +70°C
operational
-40°C to +85°C
storage, transport
Derating
2 W/°C
+60 to +70°C
Humidity
< 95% r.H.
IEC 60068-2-30
Do not energize while condensation is present
Vibration
2g (2 hours/axis)
IEC 60068-2-6
Shock
30g 6ms,
20g 11ms
IEC 60068-2-27
The ML90.200 is a simple and cost effective approach
to convert the AC voltage of a typical three phase
system into a regulated DC voltage. It only requires
two phases and thereby saves terminal space,
terminal cost, wires, fuses and installation time.
The ML90.200 is very compact, high efficient and
easy to use. Furthermore, it fulfills the NEC Class 2
limitations. The input is internally protected, which
makes external fuses unnecessary in many cases.
Weighing only 360g, it is a lightweight compared to
the
50/60Hz
control
transformers,
which
are
commonly used for low-power control voltages
where a neutral wire is not available.
High immunity to transients and power surges as
well as low electromagnetic emission makes usage in
nearly every environment possible.
L1
L2
L3
PE
ML90.200
L1
+ +
- -
DC-ok
L2
24-28V
Dimensions
72.5x75x103mm
WxHxD
ORDER NUMBERS
MARKINGS
Power Supply
ML90.200
24-28V Power Supply
IND. CONT. EQ.
18WM
LISTED
UL 508
UL 60950-1,
NEC Class 2
EMC, LVD
GL
Marine


Similar Part No. - ML90.200

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040-AXX OKI-ML9040-AXX Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040-BXX OKI-ML9040-BXX Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A-AXX OKI-ML9040A-AXX Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results

Similar Description - ML90.200

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
24V, 10A, SINGLE PHASE INPUT
CS10.244 PULS-CS10.244 Datasheet
670Kb / 24P
24V, 10A, SINGLE PHASE INPUT
CT5.241 PULS-CT5.241 Datasheet
595Kb / 21P
24V, 5A, TWO-PHASE INPUT
CT10.241 PULS-CT10.241 Datasheet
703Kb / 22P
24V, 10A, THREE PHASE INPUT
PIC480.241C PULS-PIC480.241C Datasheet
555Kb / 21P
24V, 20A, SINGLE PHASE INPUT
ML100.200 PULS-ML100.200 Datasheet
112Kb / 2P
24V 4.2A, TWO-PHASE INPUT
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
24V, 10A, SINGLE PHASE INPUT
CP20.241 PULS-CP20.241 Datasheet
967Kb / 27P
24V, 20A, SINGLE PHASE INPUT
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
24V, 20A, SINGLE PHASE INPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com