Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML60.121 Datasheet(PDF) 7 Page - PULS GmbH

Part # ML60.121
Description  12V, 4.5A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML60.121 Datasheet(HTML) 7 Page - PULS GmbH

Back Button ML60.121 Datasheet HTML 3Page - PULS GmbH ML60.121 Datasheet HTML 4Page - PULS GmbH ML60.121 Datasheet HTML 5Page - PULS GmbH ML60.121 Datasheet HTML 6Page - PULS GmbH ML60.121 Datasheet HTML 7Page - PULS GmbH ML60.121 Datasheet HTML 8Page - PULS GmbH ML60.121 Datasheet HTML 9Page - PULS GmbH ML60.121 Datasheet HTML 10Page - PULS GmbH ML60.121 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ML60.121
MiniLine-2
12V, 4.5A, SINGLE PHASE INPUT
6. HOLD-UP TIME
AC 100V
AC 120V
AC 230V
Hold-up Time
typ.
37ms
56ms
229ms
at 12V, 2.25A, see Fig. 6-1
typ.
16ms
25ms
113ms
at 12V, 4.5A, see Fig. 6-1
Note: At no load, the hold-up time can be up to several seconds. The green DC-ok lamp is also on during this time
Fig. 6-1 Hold-up time vs. input voltage
Fig. 6-2 Shut-down behavior, definitions
0
20
40
100
120ms
85
120
155
190
230Vac
Input Voltage
Hold-up Time
60
80
a) 12V 2.25A typ.
b) 12V 2.25Amin.
c) 12V 4.5A typ.
d) 12V 4.5A min.
a
b
c
d
- 5%
Hold-up Time
Zero Transition
Output
Voltage
Input
Voltage
7. DC-INPUT
The power supply can also be supplied from a DC source. Use a battery or similar DC source. For other sources contact
PULS. Connect the + pole to L and the – pole to N. Connect the PE terminal to an earth wire or to the machine ground.
DC input
nom.
DC 110-300V
-20%/+25%
DC input range
min.
88-375Vdc
continuous operation, reduce output power according
Fig. 7-2 at voltages below 130Vdc
Allowed Voltage L/N to Earth
max.
375Vdc
IEC 62103
DC input current
typ.
0.57A / 0.2A
110Vdc / 300Vdc, at 12V, 4.5A
Turn-on voltage
typ.
80Vdc
steady state value
Shut-down voltage
typ.
30-70Vdc
depending on output load
Fig. 7-1 Wiring for DC Input
Fig. 7-2 Allowable output current below
110Vdc input voltage
7/23
+
-
Load
L
N
PE
+
-
Power Supply
AC
DC
Battery
internal
fused
0
10
80
90
100
110
130Vdc
20
30
40
60W
Output Power
50
Input Voltage Vdc
(b)
(a)
(a) Continuous
120
(b) Short-term
Nov. 2015 / Rev. 1.4 DS--ML60.121-EN
All parameters are specified at 12V, 4.5A, 230Vac 50Hz input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com