Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML60.121 Datasheet(PDF) 8 Page - PULS GmbH

Part # ML60.121
Description  12V, 4.5A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML60.121 Datasheet(HTML) 8 Page - PULS GmbH

Back Button ML60.121 Datasheet HTML 4Page - PULS GmbH ML60.121 Datasheet HTML 5Page - PULS GmbH ML60.121 Datasheet HTML 6Page - PULS GmbH ML60.121 Datasheet HTML 7Page - PULS GmbH ML60.121 Datasheet HTML 8Page - PULS GmbH ML60.121 Datasheet HTML 9Page - PULS GmbH ML60.121 Datasheet HTML 10Page - PULS GmbH ML60.121 Datasheet HTML 11Page - PULS GmbH ML60.121 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ML60.121
MiniLine-2
12V, 4.5A, SINGLE PHASE INPUT
8. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
typ.
83.5%
85.3%
87.2%
at 12V, 4.5A (full load)
Power losses
typ.
0.45W
0.5W
0.85W
at 0A
typ.
4.2W
3.9W
4.2W
at 12V, 2.25A (half load)
typ.
10.6W
9.3W
7.9W
at 12V, 4.5A (full load)
Fig. 8-1
Efficiency vs. output current at 12V,
typ.
Fig. 8-2
Losses vs. output current at 12V,
typ.
Efficiency
0
80
84
88
78
90%
8/23
4.5A
0.5
2.5
2
1.5
82
86
b
c
a
a) 230Vac
b) 120Vac
c) 100Vac
13.5
34
Output Current
Power Losses
0
4
8
0
12W
0.5
2.5
3.5
4.5A
1
2
6
b
c
a
10
1.5 23
4
a) 230Vac
b) 120Vac
c) 100Vac
Output Current
Fig. 8-3
Efficiency vs. input voltage at 12V,
4.5A, typ.
Fig. 8-4
Losses vs. input voltage at 12V, 4.5A,
typ.
Efficiency
85
120
155
190
225 260Vac
Input Voltage
89%
84
86
88
87
85
83
Power Losses
0
2
4
6
8
10
12W
85
120
155
190
225 260Vac
Input Voltage
Nov. 2015 / Rev. 1.4 DS--ML60.121-EN
All parameters are specified at 12V, 4.5A, 230Vac 50Hz input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com