Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9044 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9044
Description  LM9044 Lambda Sensor Interface Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9044 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9044 Datasheet HTML 1Page - National Semiconductor (TI) LM9044 Datasheet HTML 2Page - National Semiconductor (TI) LM9044 Datasheet HTML 3Page - National Semiconductor (TI) LM9044 Datasheet HTML 4Page - National Semiconductor (TI) LM9044 Datasheet HTML 5Page - National Semiconductor (TI) LM9044 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH6744
February 1995
LM9044 Lambda Sensor Interface Amplifier
General Description
The LM9044 is a precision differential amplifier specifically
designed for operation in the automotive environment Gain
accuracy is guaranteed over the entire automotive tempera-
ture range (b40 Cto a125 C) and is factory trimmed prior
to package assembly The input circuitry has been specifi-
cally designed to reject common-mode signals as much as
3V below ground on a single positive power supply This
facilitates the use of sensors which are grounded at the
engine block while the LM9044 itself is grounded at chassis
potential An external capacitor sets the maximum operating
frequency of the amplifier thereby filtering high frequency
transients Both inputs are protected against accidental
shorting to the battery and against load dump transients
The input impedance is typically 1 MX
The output op amp is capable of driving capacitive loads
and is fully protected Also internal circuitry has been pro-
vided to detect open circuit conditions on either or both in-
puts and force the output to a ‘‘home’’ position (a ratio of
the external reference voltage)
Features
Y
Normal circuit operation guaranteed with inputs up to
3V below ground on a single supply
Y
Gain factory trimmed and guaranteed over temperature
(g3% of full-scale from b40 Cto a125 C)
Y
Low power consumption (typically 1 mA)
Y
Fully protected inputs
Y
Input open circuit detection
Y
Operation guaranteed over the entire automotive tem-
perature range (b40 Cto a125 C)
Y
Single supply operation
Schematic and Connection Diagrams
TLH6744 – 1
Plastic Chip Carrier Package
Pins 1 3 4 6 8 9 10 11 13 14 16 18 19 are
trim pins and should be left floating
TLH6744 – 6
Top View
Order Number LM9044V
See NS Package Number V20A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM9044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9044 TI-LM9044 Datasheet
320Kb / 14P
Lambda Sensor Interface Amplifier
LM9044V/NOPB TI-LM9044V/NOPB Datasheet
320Kb / 14P
Lambda Sensor Interface Amplifier
LM9044VX/NOPB TI-LM9044VX/NOPB Datasheet
320Kb / 14P
Lambda Sensor Interface Amplifier
LM9044 TI-LM9044_15 Datasheet
320Kb / 14P
Lambda Sensor Interface Amplifier
More results

Similar Description - LM9044

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9040 NSC-LM9040 Datasheet
178Kb / 10P
Dual Lambda Sensor Interface Amplifier
logo
Analog Devices
AD22050 AD-AD22050 Datasheet
148Kb / 8P
Single-Supply Sensor Interface Amplifier
AD22057 AD-AD22057 Datasheet
192Kb / 8P
Single-Supply Sensor Interface Amplifier
logo
National Semiconductor ...
LM1964 NSC-LM1964 Datasheet
232Kb / 4P
SENSOR INTERFACE AMPLIFIER
logo
Analog Devices
AD22050RZ AD-AD22050RZ Datasheet
152Kb / 8P
Single-Supply Sensor Interface Amplifier
REV. C
AD22057RZ AD-AD22057RZ Datasheet
118Kb / 8P
Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057_15 Datasheet
196Kb / 8P
Single-Supply Sensor Interface Amplifier
REV. A
logo
Texas Instruments
LM9044 TI-LM9044_15 Datasheet
320Kb / 14P
Lambda Sensor Interface Amplifier
logo
Analog Devices
AD22057 AD-AD22057_17 Datasheet
166Kb / 9P
Single-Supply Sensor Interface Amplifier
5/2017-Rev. A to Rev. B
logo
Bosch Sensortec GmbH
CJ125 BOSCH-CJ125 Datasheet
474Kb / 7P
Product Information Lambda Probe Interface IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com