Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9044 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9044
Description  LM9044 Lambda Sensor Interface Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9044 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM9044 Datasheet HTML 1Page - National Semiconductor (TI) LM9044 Datasheet HTML 2Page - National Semiconductor (TI) LM9044 Datasheet HTML 3Page - National Semiconductor (TI) LM9044 Datasheet HTML 4Page - National Semiconductor (TI) LM9044 Datasheet HTML 5Page - National Semiconductor (TI) LM9044 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
VCC Supply Voltage (RVCC e 15 kX)
g
60V
VREF Supply Voltage
b
03V to a6V
DC Input Voltage (Either Input)
b
3V to a16V
Input Transients (Note 1)
g
60V
Power Dissipation (see Note 6)
1350 mW
Output Short Circuit Duration
Indefinite
Operating Temperature Range
b
40 Cto a125 C
Storage Temperature Range
b
65 Cto a150 C
Soldering Information
Plastic Chip Carrier Package
Vapor Phase (60 seconds)
215 C
Infrared (15 seconds)
220 C
See AN-450 ‘‘Surface Mounting Methods and Their Effect
on Product Reliability’’ for other methods of soldering sur-
face mount devices
Electrical Characteristics VCC e 12V VREF e 5V b40 C s TA s 125 C unless otherwise noted
Parameter
Conditions
(Note 2)
(Note 3)
Units
Min
Typ
Max
Min
Typ
Max
Differential Voltage Gain
VDIFe05V
441
450
459
VV
b
1VsVCMsa1V
VDIFe05V b3VsVCMsa1V
436
450
464
VV
Gain Error (Note 5)
0sVDIFs1V
b
2
0
2
%FS
b
1VsVCMsa1V
0sVDIFs1V
b
3
0
3
%FS
b
3VsVCMsa1V
Differential Input Resistance
osVDIFs1V
095
120
300
MX
b
1VsVCMsa1V
0sVDIFs1V
070
120
400
MX
b
3VsVCMsa1V
Non-Inverting Input Bias
0sVDIFs1V
g
038
g
065
m
A
Current
b
1VsVCMsa1V
0sVDIFs1V
g
038
g
15
m
A
b
3VsVCMsa1V
Inverting Input Bias Current
0sVDIFs1V
b
25
b
65
b
100
m
A
b
1VsVCMsa1V
0VsVDIFs1V
b
45
b
150
m
A
b
3VsVCMsa1V
VCC Supply Current
VCCe12V RVCCe15k
300
500
m
A
VREF Supply Current
475VsVREFs55V
05
10
mA
Common-Mode Voltage
b
11
b
31
V
Range (Note 4)
DC Common-Mode
Input Referred
50
60
dB
Rejection Ratio
b
1VsVCMsa1V
VDIFe05V
Open Circuit Output Voltage
One or Both Inputs
0371
0397
0423
XVREF
Open b1VsVCMsa1V
b
3VsVCMsa1V
0365
0397
0429
XVREF
Short Circuit Output Current
Output Grounded
10
27
50
mA
VCC Power Supply Rejection
VCCe12V RVCCe15K
50
65
dB
Ratio
VDIFe05V
VREF Power Supply
VREFe5VDC
60
74
dB
Rejection Ratio
VDIFe05V
Note 1
This test is performed with a 1000X source impedance
Note 2
These parameters are guaranteed and 100% production tested
Note 3
These parameters will be guaranteed but not 100% production tested
Note 4
The LM9044 has been designed to common-mode to b3V but production testing is only performed at g1V
Note 5
Gain error is given as a percent of full-scale Full-scale is defined as 1V at the input and 45V at the output
Note 6
For operation in ambient temperatures above 25 C the device must be derated based on a maximum junction temperature of 150 C and a thermal
resistance of 93 CW junction to ambient
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com