Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843004 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS843004
Description  FEMTOCLOCKS??LVCMOS/CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843004 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS843004 Datasheet HTML 6Page - Integrated Circuit Systems ICS843004 Datasheet HTML 7Page - Integrated Circuit Systems ICS843004 Datasheet HTML 8Page - Integrated Circuit Systems ICS843004 Datasheet HTML 9Page - Integrated Circuit Systems ICS843004 Datasheet HTML 10Page - Integrated Circuit Systems ICS843004 Datasheet HTML 11Page - Integrated Circuit Systems ICS843004 Datasheet HTML 12Page - Integrated Circuit Systems ICS843004 Datasheet HTML 13Page - Integrated Circuit Systems ICS843004 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
843004AG
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 18, 2004
10
Integrated
Circuit
Systems, Inc.
ICS843004
FEMTOCLOCKS™LVCMOS/CRYSTAL-TO-
3.3V LVPECL FREQUENCY SYNTHESIZER
CRYSTAL INPUT INTERFACE
The ICS843004 has been characterized with 18pF parallel
resonant crystals. The capacitor values shown in
Figure 3
Figure 3. CRYSTAL INPUt INTERFACE
below were determined using a 26.5625MHz 18pF parallel
resonant crystal and were chosen to minimize the ppm error.
ICS843004
C1
33p
X1
18pF Parallel Crystal
C2
27p
XTAL_OUT
XTAL_IN
Zo = 50 Ohm
U1
ICS843004
R7
133
VCC
C1
27pF
RU1
1K
C8
0.1u
To Logic
Input
pins
VCCO=3.3V
C2
33pF
Set Logic
Input to
'1'
C7
0.1u
Zo = 50 Ohm
R5
133
C4
0.01u
Set Logic
Input to
'0'
To Logic
Input
pins
VCCA
X1
25MHz
C3
10uF
+
-
VCC
RD2
1K
VCC=3.3V
C6
0.1u
R4
82.5
18pF
RU2
Not Install
+
-
VDD
R3
133
3.3V
VDD
R10
82.5
Zo = 50 Ohm
R9
133
VCCO
Logic Control Input Examples
R6
82.5
R2
10
R8
82.5
RD1
Not Install
Zo = 50 Ohm
3.3V
C9
0.1u
LAYOUT GUIDELINE
Figure 4 shows a schematic example of the ICS843004. An ex-
ample of LVEPCL termination is shown in this schematic. Addi-
tional LVPECL termination approaches are shown in the LVPECL
Termination Application Note. In this example, an 18pF parallel
FIGURE 4. ICS843004 SCHEMATIC EXAMPLE
resonant 26.5625MHz crystal is used. The C1=27pF and
C2=33pF are recommended for frequency accuracy. For differ-
ent board layout, the C1 and C2 may be slightly adjusted for
optimizing frequency accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com