Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843004 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS843004
Description  FEMTOCLOCKS??LVCMOS/CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843004 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS843004 Datasheet HTML 1Page - Integrated Circuit Systems ICS843004 Datasheet HTML 2Page - Integrated Circuit Systems ICS843004 Datasheet HTML 3Page - Integrated Circuit Systems ICS843004 Datasheet HTML 4Page - Integrated Circuit Systems ICS843004 Datasheet HTML 5Page - Integrated Circuit Systems ICS843004 Datasheet HTML 6Page - Integrated Circuit Systems ICS843004 Datasheet HTML 7Page - Integrated Circuit Systems ICS843004 Datasheet HTML 8Page - Integrated Circuit Systems ICS843004 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
843004AG
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 18, 2004
1
Integrated
Circuit
Systems, Inc.
ICS843004
FEMTOCLOCKS™LVCMOS/CRYSTAL-TO-
3.3V LVPECL FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS843004 is a 4 output LVPECL synthesizer
optimized to generate Fibre Channel reference
clock frequencies and is a member of the
HiPerClocksTM family of high performance clock
solutions from ICS. Using a 26.5625MHz 18pF
parallel resonant crystal, the following frequencies can be
generated based on the 2 frequency select pins (F_SEL[1:0]):
212.5MHz, 187.5MHz, 159.375MHz, 156.25, 106.25MHz, and
53.125MHz.The ICS843004 uses ICS’ 3rd generation low phase
noise VCO technology and can achieve 1ps or lower typical
rms phase jitter, easily meeting Fibre Channel jitter requirements.
The ICS843004 is packaged in a small 24-pin TSSOP package.
FEATURES
• Four 3.3V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 212.5MHz,
187.5MHz, 159.375MHz, 156.25, 106.25MHz, 53.125MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 212.5MHz, using a 26.5625MHz crystal
(637KHz - 10MHz): 0.72ps (typical)
• RMS phase noise at 212.5MHz (typical)
Phase noise:
Offset
Noise Power
100Hz ............... -95.0 dBc/Hz
1KHz .............. -114.3 dBc/Hz
10KHz .............. -123.8 dBc/Hz
100KHz .............. -124.6 dBc/Hz
• Full 3.3V supply mode
• -30°C to 85°C ambient operating temperature
HiPerClockS™
ICS
PIN ASSIGNMENT
1
1
0
1
0
Phase
Detector
VCO
637.5MHz
(w/26.5625MHz
Reference)
M = 24 (fixed)
F_SEL[1:0]
0 0
÷3
0 1
÷4
1 0
÷6
1 1
÷12
2
OSC
ICS843004
24-Lead TSSOP
4.40mm x 7.8mm x 0.92mm
package body
G Package
Top View
nQ1
Q1
VCCo
Q0
nQ0
MR
nPLL_SEL
nc
VCCA
F_SEL0
VCC
F_SEL1
1
2
3
4
5
6
7
8
9
10
11
12
nQ2
Q2
VCCO
Q3
nQ3
VEE
nc
nXTAL_SEL
TEST_CLK
VEE
XTAL_IN
XTAL_OUT
24
23
22
21
20
19
18
17
16
15
14
13
BLOCK DIAGRAM
s
t
u
p
n
I
t
u
p
t
u
O
y
c
n
e
u
q
e
r
F
)
z
H
M
(
t
u
p
n
I
y
c
n
e
u
q
e
r
F
1
L
E
S
_
F0
L
E
S
_
F
r
e
d
i
v
i
D
M
e
u
l
a
V
r
e
d
i
v
i
D
N
e
u
l
a
V
N
/
M
e
u
l
a
V
r
e
d
i
v
i
D
5
2
6
5
.
6
20
0
4
23
8
5
.
2
1
2
5
2
6
5
.
6
20
1
4
24
6
5
7
3
.
9
5
1
5
2
6
5
.
6
21
0
4
26
4
5
2
.
6
0
1
5
2
6
5
.
6
21
1
4
22
12
5
2
1
.
3
5
6
6
1
4
0
.
6
20
1
4
24
6
5
2
.
6
5
1
5
7
3
4
.
3
20
0
4
23
8
5
.
7
8
1
FREQUENCY SELECT FUNCTION TABLE
F_SEL[1:0]
nPLL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
nXTAL_SEL
MR
Q0
nQO
Q1
nQ1
Q2
nQ2
Q3
nQ3
Pulldown
Pulldown
26.5625MHz
Pulldown
Pulldown
Pulldown


Similar Part No. - ICS843004

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843004-01 ICST-ICS843004-01 Datasheet
227Kb / 15P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MAY 6, 2005
ICS843004-02 ICST-ICS843004-02 Datasheet
183Kb / 12P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 20, 2005
logo
Integrated Device Techn...
ICS843004-125 IDT-ICS843004-125 Datasheet
364Kb / 14P
FemtoClock??Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843004A01 ICST-ICS843004A01 Datasheet
227Kb / 15P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MAY 6, 2005
ICS843004A02 ICST-ICS843004A02 Datasheet
183Kb / 12P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 20, 2005
More results

Similar Description - ICS843004

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 27, 2004
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A OCTOBER 26, 2005
ICS843001I-22 ICST-ICS843001I-22 Datasheet
211Kb / 17P
FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A AUGUST 1, 2005
ICS843001I-23 ICST-ICS843001I-23 Datasheet
192Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL/LVCMOS FREQUENCY SYNTHESIZER
REV. B JANUARY 6, 2006
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 15, 2006
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 9, 2005
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843256I IDT-843256I Datasheet
272Kb / 17P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843004 RENESAS-843004 Datasheet
356Kb / 20P
FemtoClocks™ LVCMOS/Crystal-to-3.3V LVPECL Frequency Synthesizer
5/26/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com