Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85356AGI Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS85356AGI
Description  2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85356AGI Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS85356AGI Datasheet HTML 1Page - Integrated Circuit Systems ICS85356AGI Datasheet HTML 2Page - Integrated Circuit Systems ICS85356AGI Datasheet HTML 3Page - Integrated Circuit Systems ICS85356AGI Datasheet HTML 4Page - Integrated Circuit Systems ICS85356AGI Datasheet HTML 5Page - Integrated Circuit Systems ICS85356AGI Datasheet HTML 6Page - Integrated Circuit Systems ICS85356AGI Datasheet HTML 7Page - Integrated Circuit Systems ICS85356AGI Datasheet HTML 8Page - Integrated Circuit Systems ICS85356AGI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
85356AMI
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 7, 2004
1
Integrated
Circuit
Systems, Inc.
ICS85356I
2:1, DIFFERENTIAL-TO-3.3V
DUAL LVPECL / ECL CLOCK MULTIPLEXER
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS85356I
20-Lead SOIC
7.5mm x 12.8mm x 2.3mm
M Package
Top View
GENERAL DESCRIPTION
The ICS85356I is a dual 2:1 Differential-to-LVPECL
Multiplexer and is a member of the HiPerClockSTM
family of High Performance Clock Solutions from
ICS. The device has both common select and indi-
vidual select inputs.When COM_SEL is logic High,
the CLKxx input pairs will be passed to the output. When
COM_SEL is logic Low, the output is determined by the setting
of the SEL0 pin for channel 0 and the SEL1 pin for Channel 1.
The differential input has a common mode range that can accept
most differential input types such as LVPECL, LVDS, LVHSTL,
SSTL, and HCSL. The ICS85356I can therefore be used as a
differential translator to translate almost any differential input type
to LVPECL. It can also be used in ECL mode by setting V
CC=0V
and V
EE to -3.0V to - 3.8V.
The ICS85356I adds negligible jitter to the input clock and can
operate at high frequencies in excess of 900MHz thus making
it ideal for use in demanding applications such as SONET,
Fibre Channel, 1 Gigabit/10 Gigabit Ethernet.
FEATURES
• High speed differential multiplexer.
The device can be configured as a 2:1 multiplexer
• Dual 3.3V LVPECL outputs
• Selectable differential CLKxx, nCLKxx inputs
• CLKxx, nCLKxx pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency: 900MHz (typical)
• Translates any single ended input signal to 3.3V
LVPECL levels with resistor bias on nCLKxx input
• Output skew: 75ps (typical)
• Propagation delay: 1.15ns (typical)
• LVPECL mode operating voltage supply range:
V
CC = 3V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -3V to -3.8V
• -40°C to 85°C ambient operating temperature
• Lead-Free package available
• Compatible with MC100LVEL56
HiPerClockS™
ICS
CLK0A
nCLK0A
CLK0B
nCLK0B
Q0
nQ0
SEL0
COM_SEL
SEL1
0
1
CLK1A
nCLK1A
CLK1B
nCLK1B
Q1
nQ1
0
1
ICS85356I
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm
G Package
Top View
CLK0A
nCLK0A
nc
CLK0B
nCLK0B
CLK1A
nCLK1A
nc
CLK1B
nCLK1B
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
Q0
nQ0
SEL0
COM_SEL
SEL1
VCC
Q1
nQ1
VEE
CLK0A
nCLK0A
nc
CLK0B
nCLK0B
CLK1A
nCLK1A
nc
CLK1B
nCLK1B
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
Q0
nQ0
SEL0
COM_SEL
SEL1
VCC
Q1
nQ1
VEE


Similar Part No. - ICS85356AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 5, 2001
logo
Integrated Device Techn...
ICS8535-01 IDT-ICS8535-01 Datasheet
424Kb / 18P
LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535-01 RENESAS-ICS8535-01 Datasheet
861Kb / 19P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS8535-11 ICST-ICS8535-11 Datasheet
127Kb / 14P
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 27, 2001
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
REV. A OCTOBER 20, 2004
More results

Similar Description - ICS85356AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85357-01 ICST-ICS85357-01 Datasheet
120Kb / 12P
4:1 OR 2:1 DIFFERENTIAL-TO-3.3V LVPECL / ECL CLOCK MULTIPLEXER
REV. A JULY 16, 2001
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
REV. B JUNE 8, 2004
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com