Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8701PR Datasheet(PDF) 1 Page - Polyfet RF Devices

Part # L8701PR
Description  SILICON GATE ENHANCEMENT MODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

L8701PR Datasheet(HTML) 1 Page - Polyfet RF Devices

  L8701PR Datasheet HTML 1Page - Polyfet RF Devices L8701PR Datasheet HTML 2Page - Polyfet RF Devices L8701PR Datasheet HTML 3Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
13
Single Ended
S08P
30.0
1.6
60.0
2.50 C/W
65
1.6
10.00
2.0
55
0.65
8.00
4.5
60
0.20
70
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS TEST CONDITIONS
Common Source Power Gain
Drain Efficiency
Total
Device
Dissipation
Junction to
Case Thermal
Resistance
Maximum
Junction
Temperature
Storage
Temperature
DC Drain
Current
Drain to
Source
Voltage
Gate to
Source
Voltage
-65 C to 150 C
C
A
V
Load Mismatch Tolerance
VSWR
Drain to
Gate
Voltage
Relative
0.40
0.20
Ids =
mA, Vgs = 0V
V, Vgs = 0V
Ciss
Crss
Coss
Vds =
Idq =
A, Vds =
V, F =
0.40
Bvdss
Idss
Drain Breakdown Voltage
V
mA
pF
pF
pF
Common Source Output Capacitance
Common Source Feedback Capacitance
Idq =
Idq = 0.40
500
Vgs =
Rdson
Saturation Resistance
Forward Transconductance
gM
Vds = 10V, Vgs = 5V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:contact@polyfet.com URL:www.polyfet.com
500
500
Common Source Input Capacitance
70
V
Igss
Vgs
Idsat
Zero Bias Drain Current
Gate Leakage Current
Gate Bias for Drain Current
Saturation Current
25
uA
V
Mho
Ohm
Amp
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS TEST CONDITIONS
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
RF CHARACTERISTICS (
30.0
ABSOLUTE MAXIMUM RATINGS ( T =
Gps
28.0
A, Vds =
V, F =
A, Vds =
V, F =
28.0
28.0
Watts
V
1
MHz
MHz
MHz
Watts
Package Style
30.0
Vds = 0V Vgs = 10V
HIGH EFFICIENCY, LINEAR
HIGH GAIN, LOW NOISE
General Description
28.0
Vds =
A, Vgs = Vds
Ids =
A
dB
%
o
o
o
o
o
SILICON GATE ENHANCEMENT MODE
RF POWER
TRANSISTOR
LDMOS
Vgs = 0V, F = 1 MHz
28.0
Vds =
Vgs = 0V, F = 1 MHz
28.0
Vds =
Vgs = 0V, F = 1 MHz
28.0
REVISION 02/25/2016
20
25 C )
WATTS OUTPUT )
150
polyfet rf devices
L8701PR
10:1
ROHS COMPLIANT
Silicon LDMOS transistor designed
specifically for Broadband RF
applications. Suitable for Military
Radios, Cellular Base Staions,
Broadcast FM/AM, MRI, Laser Drivers
and others.
"Polyfet" process features low
feedback and output capacitances,
resulting in high Ft transistors with
high input impedance and high
efficiency.
+
V, Ids =
20
V, Vds = 10V
Vgs = 20
0
-
V


Similar Part No. - L8701PR

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L8701P POLYFET-L8701P Datasheet
42Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L8701P POLYFET-L8701P_14 Datasheet
53Kb / 2P
RF POWER LDMOS TRANSISTOR
More results

Similar Description - L8701PR

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SK722 POLYFET-SK722 Datasheet
60Kb / 2P
SILICON GATE ENHANCEMENT MODE
L8711PR POLYFET-L8711PR Datasheet
55Kb / 2P
SILICON GATE ENHANCEMENT MODE
L8801PR POLYFET-L8801PR Datasheet
47Kb / 2P
SILICON GATE ENHANCEMENT MODE
SJ701 POLYFET-SJ701 Datasheet
57Kb / 2P
SILICON GATE ENHANCEMENT MODE
SC201 POLYFET-SC201 Datasheet
62Kb / 2P
SILICON GATE ENHANCEMENT MODE
LY502 POLYFET-LY502 Datasheet
49Kb / 2P
SILICON GATE ENHANCEMENT MODE
LX2401 POLYFET-LX2401 Datasheet
103Kb / 2P
SILICON GATE ENHANCEMENT MODE
LR2541 POLYFET-LR2541 Datasheet
134Kb / 2P
SILICON GATE ENHANCEMENT MODE
LB2301 POLYFET-LB2301 Datasheet
87Kb / 2P
SILICON GATE ENHANCEMENT MODE
SK723 POLYFET-SK723 Datasheet
58Kb / 2P
SILICON GATE ENHANCEMENT MODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com