Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8701PR Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # L8701PR
Description  SILICON GATE ENHANCEMENT MODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

L8701PR Datasheet(HTML) 2 Page - Polyfet RF Devices

  L8701PR Datasheet HTML 1Page - Polyfet RF Devices L8701PR Datasheet HTML 2Page - Polyfet RF Devices L8701PR Datasheet HTML 3Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L1B 1 DIE ID & GM Vs VG
0.10
1.00
10.00
100.00
0
2
4
6
8
1012
14
1618
Vgs in Volts
Id
gM
L1B 1 DIE CAPACITANCE
1
10
100
1000
0
4
8
12
1620
2428
VDS IN VOLTS
Coss
Ciss
Crss
L870 1P P in vs P out F req= 500 MH z , V ds= 28V dc,
Idq= .4 A
0
9
18
27
36
45
0
0.5
1
1.5
2
2.5
3
P in in W a tts
11
12
13
14
15
16
17
18
19
20
P out
Gain
E ffic ienc y @ 30 watts = 55%
POLYFET RF DEVICES
POUT VS PIN GRAPH
CAPACITANCE VS VOLTAGE
ID & GM VS VGS
IV CURVE
PACKAGE DIMENSIONS IN INCHES
L8701PR
L1B 1 DIE IV
0
2
4
6
8
10
12
04
8
12
16
20
VDS IN VOLTS
vg=2v
Vg=4v
Vg=6v
vg=8v
0
vg=12v
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:contact@polyfet.com URL:www.polyfet.com
REVISION 02/25/2016
Tolerance .XX +/-0.01
.XXX +/-.005 inches



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com