Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3 Datasheet(PDF) 1 Page - Recom International Power

Part # RS3
Description  2:1 and 3:1 Wide Input Voltage Ranges
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS3 Datasheet(HTML) 1 Page - Recom International Power

  RS3 Datasheet HTML 1Page - Recom International Power RS3 Datasheet HTML 2Page - Recom International Power RS3 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
RS3
Part Number
Input
Rated Output Output Current
Efficiency
Max
Voltage Range
Voltage
Full Load
typ.
Capacitive
SIP8
(VDC)
(VDC)
(mA)
(%)
Load(1)
RS3-xx3.3S (H2/H3)
4.5-9, 9-18
3.3
600
73-75
4700µF
18-36, 36-72
77-78
RS3-xx05S
(H2/H3)
4.5-9, 9-18
5
600
76-79
4700µF
18-36, 36-72
80-81
RS3-xx09S
(H2/H3)
4.5-9, 9-18
9
333
77-80
3300µF
18-36, 36-72
81-82
RS3-xx12S
(H2/H3)
4.5-9, 9-18
12
250
80-81
2200µF
18-36, 36-72
83
RS3-xx15S
(H2/H3)
4.5-9, 9-18
15
200
80-81
2200µF
18-36, 36-72
83
RS3-xx3.3D (H2/H3)
4.5-9, 9-18
±3.3
±300
73-75
±2200µF
18-36, 36-72
75
RS3-xx05D
(H2/H3)
4.5-9, 9-18
±5
±300
76-80
±2200µF
18-36, 36-72
80-81
RS3-xx09D
(H2/H3)
4.5-9, 9-18
±9
±167
77-81
±2200µF
18-36, 36-72
81
RS3-xx12D
(H2/H3)
4.5-9, 9-18
±12
±125
78-83
±1000µF
18-36, 36-72
83
RS3-xx15D
(H2/H3)
4.5-9, 9-18
±15
±100
79-83
±1000µF
18-36, 36-72
83
RS3-xx3.3SZ (H2/H3)
9-27
3.3
600
73
4700µF
20-60
74
RS3-xx05SZ (H2/H3)
9-27
5
600
76-79
4700µF
20-60
78
RS3-xx09SZ (H2/H3)
9-27
9
333
77
3300µF
20-60
79
RS3-xx12SZ (H2/H3)
9-27
12
250
80
2200µF
20-60
80
RS3-xx15SZ (H2/H3)
9-27
15
200
80
2200µF
20-60
80
RS3-xx3.3DZ (H2/H3)
9-27
±3.3
±300
73
±2200µF
20-60
74
RS3-xx05DZ (H2/H3)
9-27
±5
±300
77
±2200µF
20-60
78
RS3-xx09DZ (H2/H3)
9-27
±9
±167
79
±2200µF
20-60
79
RS3-xx12DZ (H2/H3)
9-27
±12
±125
80
±1000µF
20-60
80
RS3-xx15DZ (H2/H3)
9-27
±15
±100
80
±1000µF
20-60
80
No suffix is standard isolation (1kVDC) e.g, RS3-0505S
*add suffix /H2 or /H3 for 2kVDC or 3kVDC isolation, e.g, RS3-0505S/H2, R3S-0505DZ/H3
3 Watt
SIP8 Isolated
Single & Dual
Output
● 2:1 and 3:1 Wide Input Voltage Ranges
● 1kVDC, 2kVDC and3kVDC Isolation
● UL94V-0 Package Material
● Continuous Short Circuit Protection
● Low Ripple and Noise
● Remote On/Off Control
● Efficiency to 83 %
Features
Regulated
Converters
Selection Guide
Description
2:1 Input
3:1 Input
(RS3-S/D)
(RS3-SZ/DZ)
xx = 4.5-9Vin = 05
xx = 9-27Vin = 24
xx = 9-18Vin = 12
xx = 20-60Vin = 48
xx = 18-36Vin = 24
xx = 36-72Vin = 48
Very high power density, 2:1 or 3:1 input voltage range and a wide operating temperature
range -40°C to +71°C and extra features such as On/Off control are just some of the
characteristics of this converter which is ideal for highly sophisticated industrial
designs.The RS3 is available with 2kV or 3kV isolation options (1kVDC is standard)
Derating-Graph
(Ambient Temperature)
100
60
20
40
50
0
-40
71
150
Operating Temperature °C
0
80
Safe Operating Area
30
85
RS3-(Z)S_D
REV: 1/2017
E-131
www.recom-power.com
UL-60950-1 Certified
EN-60950-1 Certified
EN-60601-1 Certified*
(*/H suffix)
RoHS
2011/65/EU
6/6
E-224736


Similar Part No. - RS3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS3-0303D20A1 RSG-RS3-0303D20A1 Datasheet
1Mb / 7P
DC/DC-Converter
RS3-0303D20A3 RSG-RS3-0303D20A3 Datasheet
1Mb / 7P
DC/DC-Converter
RS3-0303D20A5 RSG-RS3-0303D20A5 Datasheet
1Mb / 7P
DC/DC-Converter
RS3-0303D20A6 RSG-RS3-0303D20A6 Datasheet
1Mb / 7P
DC/DC-Converter
RS3-0303D20AX RSG-RS3-0303D20AX Datasheet
1Mb / 7P
DC/DC-Converter
More results

Similar Description - RS3

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
2 1 and 3 1 Wide Input Voltage Ranges
RSO RECOM-RSO Datasheet
103Kb / 3P
2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
LANCY WALL-LANCY Datasheet
355Kb / 6P
Wide Input Voltage Ranges
CMMM WALL-CMMM Datasheet
272Kb / 7P
2:1 Input Voltage Ranges 18~30 Watt
DC100 WALL-DC100 Datasheet
655Kb / 8P
2:1 Wide Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
2:1 Input Voltage Ranges
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
2:1 Input Voltage Ranges
DH40 WALL-DH40 Datasheet
1Mb / 13P
2:1 Wide Input Voltage Ranges
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com