Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3 Datasheet(PDF) 2 Page - Recom International Power

Part # RS3
Description  2:1 and 3:1 Wide Input Voltage Ranges
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS3 Datasheet(HTML) 2 Page - Recom International Power

  RS3 Datasheet HTML 1Page - Recom International Power RS3 Datasheet HTML 2Page - Recom International Power RS3 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
Note 1:
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter
Note 2:
The RS3 series requires a minimum of 10% load on the output to maintain specified regulation. Operating under no-load conditions
will not damage these devices; however, they may not meet all listed specifications.
Input Voltage Range
2:1 and 3:1
Output Accuracy
Nominal Vin and full load
±2% typ.
Line Voltage Regulation
LL to HL, full load
±0.5% max.
Load Voltage Regulation
20% to 100% full load
±0.5% typ.
Minimum Load
10% (2)
Output Ripple and Noise
20MHz limited
50mVp-p max.
Switching Frequency
20% to 100% full load
200kHz typ.
Efficiency at Full Load
see Selection Guide
Quiescent Current
RS3-05xxS_D
35mA typ.
Nominal input Voltage
RS3-12xxS_D
25mA typ.
(Standard, /H2 and /H3)
RS3-24xxS_D, SZ_DZ
20mA typ.
RS3-48xxS_D, SZ_DZ
10mA typ.
Isolation Voltage
Standard
(tested for 1 second)
1000VDC
(rated for 1 minute*)
500VAC / 60Hz
/H2 Version
(tested for 1 second)
2000VDC
(rated for 1 minute*)
1000VAC / 60Hz
/H3 Version
(tested for 1 second)
3000VDC
(rated for 1 minute*)
1500VAC / 60Hz
Isolation Capacitance (2:1 and 3:1)
H1
200pF max.
(tested at 100kHz)
H2/H3
30pF max.
Isolation Resistance
1G
Ω min.
Short Circuit Protection (see note)
Continuous
Operating Temperature Range
–40°C to +71°C
Storage Temperature Range
–55°C to +125°C
Relative Humidity
95% RH
Package Weight
4.7g
Packing Quantity
22 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
3303 x10³ hours
(+71°C)
using MIL-HDBK 217F
745 x10³ hours
Certifications
EN General Safety
Report: SPCLVD1605077-10
EN60950-1, AM2:2013
EN Medical Safety
Report: MDD1205098-3 + RM1205098-3
IEC/EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
UL General Safety
Report: E224736-A34
UL60950-1, 2nd Edition 2014
CSA C22.2 60950-1-07, 2nd Edition 2014
Note: To protect the converter under all fault conditions, an input fuse is required. Quick-blow fuses
should be rated at 2x-3x the normal input current, time-delay fuses at 1.5x the normal input current.
Electrical Specifications (measured at T
A = 25°C, at nominal input voltage and rated output current unless otherwise specified)
RS3-S_D/(Z)
Series
ECONOLINE
DC/DC-Converter
}DetailedInformationsee
Application Notes chapter "MTBF"
-Vin
-Vout
+Vout
+Vin
Input Fuse
(see note)
RS3
Typical Application
**Any data referred to in this datasheet are of indicative nature and
based on our practical experience only. For further details, please refer
to our Application Notes.
REV: 1/2017
www.recom-power.com
E-132



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com