Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # AP5
Description  KILOVAC 270 Vdc High Voltage Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

AP5 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  AP5 Datasheet HTML 1Page - TE Connectivity Ltd AP5 Datasheet HTML 2Page - TE Connectivity Ltd AP5 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KILOVAC 270+ Vdc High Voltage Relays
AP5/AP10 Relays (Continued)
Through chassis style
mounting with solder type
power terminals and turret coil
terminals (Available in forms
A, B, & C)
AP5A834 Shown as
Part Number Sample
Through chassis style
mounting with solder type
power terminals and bus wire
coil leads (Available in forms
A, B, C, P)
AP10A334 Shown as
Part Number Sample
Flanged style mounting with
solder type power terminals
and turret coil terminals
(Available in forms A, B, & C)
AP5C832 Shown as
Part Number Sample
Flanged style mounting with
solder type power terminals
and bus wire coil leads
(Available in forms A, B, C,
P)
AP5C332 Shown as
Part Number Sample
For factory-direct application assistance,
dial 800-253-4560, ext. 2055, or
805-220-2055.
7–52
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com