Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # AP5
Description  KILOVAC 270 Vdc High Voltage Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

AP5 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  AP5 Datasheet HTML 1Page - TE Connectivity Ltd AP5 Datasheet HTML 2Page - TE Connectivity Ltd AP5 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
7–53
7
For factory-direct application assistance,
dial 800-253-4560, ext. 2055, or
805-220-2055.
KILOVAC 270+ Vdc High Voltage Relays
PC board style mounting with
PC board terminals (Available
in forms A, B, & C)
AP10A335 Shown as
Part Number Sample
Panel style mounting with flying
power leads and stud terminals
(Available in forms A & B)
AP10AB47 Shown as
Part Number Sample
Panel style mounting with
stud terminals (Available in
forms A & B)
AP10AB57 Shown as
Part Number Sample
AP5/AP10 Relays (Continued)
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com