Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33888APNB Datasheet(PDF) 13 Page - Motorola, Inc

Part # PC33888APNB
Description  Quad High-Side and Octal Low-Side Switch for Automotive
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33888APNB Datasheet(HTML) 13 Page - Motorola, Inc

Back Button PC33888APNB Datasheet HTML 9Page - Motorola, Inc PC33888APNB Datasheet HTML 10Page - Motorola, Inc PC33888APNB Datasheet HTML 11Page - Motorola, Inc PC33888APNB Datasheet HTML 12Page - Motorola, Inc PC33888APNB Datasheet HTML 13Page - Motorola, Inc PC33888APNB Datasheet HTML 14Page - Motorola, Inc PC33888APNB Datasheet HTML 15Page - Motorola, Inc PC33888APNB Datasheet HTML 16Page - Motorola, Inc PC33888APNB Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33888
13
HS0 AND HS1 POWER OUTPUTS (continued)
Output Fault Detection Threshold (Note 14)
Output Programmed OFF
VOFD(THRES)
2.0
3.0
4.0
V
Output Negative Clamp Voltage
0.5 A < IOUT < 2.0 A, Output OFF
VCL
-20
–
–
V
Overtemperature Shutdown (Outputs OFF) (Note 15)
TSD
160
175
190
°C
Overtemperature Shutdown Hysteresis (Note 15)
TSD(HYS)
10
–
30
°C
HS2 AND HS3 POWER OUTPUTS
Drain-to-Source ON Resistance (IOUT = 4.5 A)
TJ = 25°C
VPWR = 6.0 V
VPWR = 9.0 V
VPWR = 13 V
TJ = 150°C
VPWR = 6.0 V
VPWR = 9.0 V
VPWR = 13 V
RDS(ON)
–
–
–
–
–
–
–
–
–
–
–
–
0.08
0.04
0.04
0.136
0.068
0.068
Ω
Reverse Battery Source-to-Drain ON Resistance (IOUT = 4.5 A, TJ = 25°C)
VPWR = -12 V
RDS(ON)REV
–
–
0.08
Ω
Output Self-Limiting Peak Current
Outputs ON, VOUT = VPWR -2.0 V
ILIM(PK)
15
23
35
A
Output Self-Limiting Sustain Current
Outputs ON, VOUT = VPWR -2.0 V
ILIM(SUS)
6.0
10
15
A
Open Load Detection Current (Note 16)
IOLDC
25
–
100
µA
Output Fault Detection Threshold (Note 17)
Outputs Programmed OFF
VOFD(THRES)
2.0
3.0
4.0
V
Output Negative Clamp Voltage
0.5 A < IOUT < 2.0 A, Outputs OFF
VCL
-20
–
–
V
Overtemperature Shutdown (Outputs OFF) (Note 18)
TSD
160
170
190
°C
Overtemperature Shutdown Hysteresis (Note 18)
TSD(HYS)
10
–
30
°C
Notes
14.
Output fault detection threshold with outputs programmed OFF. For the Low-Side Outputs, fault detection thresholds are the same for output
open and battery shorts.
15.
Guaranteed by design. Not production tested.
16.
Output OFF Open Load Detection Current is the current required to flow through the load for the purpose of detecting the existence of an
open load condition when the specific output is commanded OFF.
17.
Output fault detection threshold with outputs programmed OFF.
18.
Guaranteed by design. Not production tested.
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 6.0 V ≤ VPWR ≤ 27 V, 4.5 V ≤ VDD ≤ 5.5 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com