Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33888APNB Datasheet(PDF) 21 Page - Motorola, Inc

Part # PC33888APNB
Description  Quad High-Side and Octal Low-Side Switch for Automotive
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33888APNB Datasheet(HTML) 21 Page - Motorola, Inc

Back Button PC33888APNB Datasheet HTML 17Page - Motorola, Inc PC33888APNB Datasheet HTML 18Page - Motorola, Inc PC33888APNB Datasheet HTML 19Page - Motorola, Inc PC33888APNB Datasheet HTML 20Page - Motorola, Inc PC33888APNB Datasheet HTML 21Page - Motorola, Inc PC33888APNB Datasheet HTML 22Page - Motorola, Inc PC33888APNB Datasheet HTML 23Page - Motorola, Inc PC33888APNB Datasheet HTML 24Page - Motorola, Inc PC33888APNB Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33888
21
.
Device Register Addressing
The following section describes the possible register
addresses and their impact on device operation.
Address 000—SPI Output Control Register (SOCR)
The SOCR register allows the MCU to control the outputs via
the SPI. Incoming message bits D3:D0 reflect the desired
states of high-side outputs HS3:HS0. Message bits D11:D4
reflect the desired state of low-side outputs LS11:LS4,
respectively.
Address 100—Direct Input Control Register (DICR)
The DICR register is used by the MCU to enable direct input
control of the outputs. For the outputs, a logic [0] on bits D11:D0
will enable the corresponding output for direct control. A
logic [1] on a D11:D0 bit will disable the output from direct
control.
Address 010—Logic Function Control Register (LFCR)
The LFCR register is used by the MCU to configure the
relationship between SOCR bits D11:D0 and the direct inputs
IHS[0:3] and ILS. While addressing this register (if the direct
inputs were enabled for direct control with the DICR), a logic [1]
on any or all of the D3:D0 bits will result in a Boolean AND of
the IHS[0:3] terminal(s) with its (their) corresponding D3:D0
message bit(s) when addressing the SOCR. A logic [1] on any
or all of the D11:D4 bits will result in a Boolean AND of the ILS
and the corresponding D11:D4 message bits when addressing
the SOCR. Similarly, a logic [0] on the D3:D0 bits will result in
a Boolean OR of the IHS[0:3] terminal(s) with their
corresponding message bits when addressing the SOCR
register, and the ILS will be Boolean ORed with message bits
D11:D4 when addressing the SOCR register (if ILS is enabled).
Table 2. SI Message Bit Assignment
Bit Sig
SI Msg Bit
Message Bit Description
MSB
D15
Watchdog in: toggled to satisfy watchdog
requirements.
D14:12
Register address bits.
D11
Used to configure Low-Side Output LS11.
D10
Used to configure Low-Side Output LS10.
D9
Used to configure Low-Side Output LS9.
D8
Used to configure Low-Side Output LS8.
D7
Used to configure Low-Side Output LS7.
D6
Used to configure Low-Side Output LS6.
Bit Sig
SI Msg Bit
Message Bit Description
D5
Used to configure Low-Side Output LS5
(Watchdog timeout MSB during WDCSCR
configuration).
D4
Used to configure Low-Side Output LS4
(Watchdog timeout LSB during WDCSCR
configuration).
D3
Used to configure High-Side Output HS3.
D2
Used to configure High-Side Output HS2.
D1
Used to configure High-Side Output HS1.
LSB
D0
Used to configure High-Side Output HS0.
Table 2. SI Message Bit Assignment (continued)
Table 3. Serial Input Address and Configuration Bit Map
SI
Register
WD
Address
Low-Side
High-Side
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SOCR
x
0
0
0
LS11
LS10
LS9
LS8
LS7
LS6
LS5
LS4
HS3
HS2
HS1
HS0
DICR
x
1
0
0
PWB11 PWB10 PWB9 PWB8 PWB7 PWB6 PWB5 PWB4 PWB3 PWB2
PWB1
PWB0
LFCR
x
0
1
0
A/OB11 A/OB10 A/OB9 A/OB8 A/OB7 A/OB6 A/OB5 A/OB4 A/OB3 A/OB2 A/OB1 A/OB0
WDCSCR
x
1
1
0
NA
NA
NA
NA
NA
NA
WDH
WDL
CS3
CS2
CS1
CS0
OLCR
x
0
0
1
OL11
OL10
OL9
OL8
OL7
OL6
OL5
OL4
OLB3
OLB2
OLB1
OLB0
CLOCCR
x
1
0
1
OC11
OC10
OC9
OC8
OC7
OC6
OC5
OC4
ILIM3
ILIM2
ILIM1
ILIM0
NOT
USED
x
0
1
1
–
–
–
–
–
–
–
–
–
–
–
–
TEST
x
1
1
1
–
–
–
–
–
–
–
–
ILIMPK
WD
ILIM
OT
x=Don’t care.
NA=Not applicable.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com