Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS5.241 Datasheet(PDF) 21 Page - PULS GmbH

Part # QS5.241
Description  24V, 5A, SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS5.241 Datasheet(HTML) 21 Page - PULS GmbH

Back Button QS5.241 Datasheet HTML 17Page - PULS GmbH QS5.241 Datasheet HTML 18Page - PULS GmbH QS5.241 Datasheet HTML 19Page - PULS GmbH QS5.241 Datasheet HTML 20Page - PULS GmbH QS5.241 Datasheet HTML 21Page - PULS GmbH QS5.241 Datasheet HTML 22Page - PULS GmbH QS5.241 Datasheet HTML 23Page - PULS GmbH QS5.241 Datasheet HTML 24Page - PULS GmbH QS5.241 Datasheet HTML 25Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
QS5.241, QS5.241-A1
Q-Series
24V, 5A, SINGLE PHASE INPUT
24.2. PEAK CURRENT CAPABILITY
Solenoids, contactors and pneumatic modules often have a steady state coil and a pick-up coil. The inrush current
demand of the pick-up coil is several times higher than the steady-state current and usually exceeds the nominal
output current (including the PowerBoost). The same situation applies when starting a capacitive load.
Branch circuits are often protected with circuit breakers or fuses. In case of a short or an overload in the branch circuit,
the fuse needs a certain amount of over-current to trip or to blow. The peak current capability ensures the safe
operation of subsequent circuit breakers.
Assuming the input voltage is turned on before such an event, the built-in large sized output capacitors inside the
power supply can deliver extra current. Discharging this capacitor causes a voltage dip on the output. The following
two examples show typical voltage dips:
Fig. 24-3 Peak load with 2x the nominal
current for 50ms, typ.
Fig. 24-4 Peak load with 4x the nominal
current for 5ms, typ.
10ms/DIV
Output
Voltage
Output
Current
24V
0A
10A
20V
Output
Voltage
Output
Current
24V
0A
20A
16V
1ms/DIV
Peak load 10A (resistive) for 50ms
Output voltage dips from 24V to 20V.
Peak load 20A (resistive) for 5ms
Output voltage dips from 24V to 16V.
Please note: The DC-OK relay triggers when the voltage dips more than 10% for longer than 1ms.
24.3. BACK-FEEDING LOADS
Loads such as decelerating motors and inductors can feed voltage back to the power supply. This feature is also called
return voltage immunity or resistance against Back- E.M.F. (Electro Magnetic Force).
This power supply is resistant and does not show malfunctioning when a load feeds back voltage to the power supply.
It does not matter whether the power supply is on or off.
The maximum allowed feed-back-voltage is 35Vdc. The absorbing energy can be calculated according to the built-in
large sized output capacitor which is specified in chapter 6.
24.4. EXTERNAL INPUT PROTECTION
The unit is tested and approved for branch circuits up to 30A (UL) and 32A (IEC). An external protection is only
required if the supplying branch has an ampacity greater than this. Check also local codes and local requirements. In
some countries local regulations might apply.
If an external fuse is necessary or utilized, minimum requirements need to be considered to avoid nuisance tripping of
the circuit breaker. A minimum value of 6A B- or 3A C-Characteristic breaker should be used
Mar. 2013 / Rev. 2.2 DS-QS5.241-EN
All parameters are specified at 24V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
21/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com