Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS5.241 Datasheet(PDF) 7 Page - PULS GmbH

Part # QS5.241
Description  24V, 5A, SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS5.241 Datasheet(HTML) 7 Page - PULS GmbH

Back Button QS5.241 Datasheet HTML 3Page - PULS GmbH QS5.241 Datasheet HTML 4Page - PULS GmbH QS5.241 Datasheet HTML 5Page - PULS GmbH QS5.241 Datasheet HTML 6Page - PULS GmbH QS5.241 Datasheet HTML 7Page - PULS GmbH QS5.241 Datasheet HTML 8Page - PULS GmbH QS5.241 Datasheet HTML 9Page - PULS GmbH QS5.241 Datasheet HTML 10Page - PULS GmbH QS5.241 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
QS5.241, QS5.241-A1
Q-Series
24V, 5A, SINGLE PHASE INPUT
Fig. 6-1 Output voltage vs. output current,
typ.
Fig. 6-2 Bonus time vs. output power
Output Voltage
0
0
2
6
8
10A
4
8
12
28V
16
20
24
4
Output
Current
Adjustment
Range
Bonus Time
0
110
120
130
140
150
160%
1
2
3
7
4
5
6
8
9
10s
min
max
typ
Output Power
Fig. 6-3 BonusPower® recovery time
Power
Demand
100%
t
t
Limitation by
Power Manager
Output
Voltage
Bonus Power disabled
Bonus
Time
Recovery Time
The BonusPower® is available as soon as power comes on and immediately after the end of an output short circuit or
output overload.
Fig. 6-4 BonusPower® after input turn-on
Fig. 6-5 BonusPower® after output short
100%
Output
Voltage
Input
Voltage
Bonus
Power
Output
Power
150%
Short of
Output
100%
Output
Voltage
Bonus
Power
Output
Power
150%
Mar. 2013 / Rev. 2.2 DS-QS5.241-EN
All parameters are specified at 24V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
7/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com