Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA83563 Datasheet(PDF) 21 Page - Agilent(Hewlett-Packard)

Part # MGA83563
Description  22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA83563 Datasheet(HTML) 21 Page - Agilent(Hewlett-Packard)

Back Button MGA83563 Datasheet HTML 16Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 17Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 18Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 19Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 20Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 21Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 22Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 23Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 24Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
Figure 47. Optimum L2 for Small Signal Gain vs. Frequency.
FREQUENCY (GHz)
1
0.9
0.8
0.7
10
20
30
40
9
8
7
6
5
4
3
2
0.5
1.0
1.5
2.0
2.5
3.0
PLOT A
PLOT B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com