Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA83563 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # MGA83563
Description  22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA83563 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  MGA83563 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA83563 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
+22 dBm PSAT 3V Power Amplifier
for 0.5 – 6 GHz Applications
Technical Data
MGA-83563
Features
• +22 dBm PSAT at 2.4 GHz,
3.0 V
+23 dBm PSAT at 2.4 GHz,
3.6 V
• 22 dB Small Signal Gain at
2.4 GHz
• Wide Frequency Range 0.5
to 6 GHz
• Single 3 V Supply
• 37% Power Added
Efficiency
• Ultra Miniature Package
Applications
• Amplifier for Driver and
Output Applications
Surface Mount Package
SOT-363 (SC-70)
Pin Connections and
Package Marking
Equivalent Circuit
(Simplified)
Note:
Package marking provides orientation
and identification; “x” is date code.
Description
Agilent’s MGA-83563 is an easy-
to-use GaAs RFIC amplifier that
offers excellent power output and
efficiency. This part is targeted
for 3V applications where con-
stant-envelope modulation is
used. The output of the amplifier
is matched internally to 50
Ω.
However, an external match can
be added for maximum efficiency
and power out (PAE = 37%, Po =
22 dBm). The input is easily
matched to 50
Ω.
Due to the high power output of
this device, it is recommended for
use under a specific set of
operating conditions. The thermal
sections of the Applications
Information explain this in detail.
The circuit uses state-of-the-art
PHEMT technology with proven
reliability. On-chip bias circuitry
allows operation from single
supply voltage.
GND
GND
INPUT
GND
Vd1
OUTPUT
and Vd2
16
25
34
OUTPUT
and Vd2
BIAS
INPUT
Vd1
BIAS
GROUND


Similar Part No. - MGA83563

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA81563 HP-MGA81563 Datasheet
135Kb / 12P
0.1- 6 GHz 3 V, 14 dBm Amplifier
MGA82563 HP-MGA82563 Datasheet
137Kb / 12P
0.1-6 GHz 3V, 17 dBm Amplifier
MGA86576 HP-MGA86576 Datasheet
75Kb / 6P
1.5 - 8 GHz Low Noise GaAs MMIC Amplifier
MGA87563 HP-MGA87563 Datasheet
119Kb / 8P
0.5 - 4 GHz 3 V Low Current GaAs MMIC LNA
More results

Similar Description - MGA83563

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-82563 HP-MGA-82563 Datasheet
137Kb / 12P
0.1-6 GHz 3V, 17 dBm Amplifier
logo
Transcom, Inc.
TA020-060-36-34 TRANSCOM-TA020-060-36-34 Datasheet
18Kb / 1P
2 - 6 GHz 33 dBm Amplifier
TA060-180-30-28 TRANSCOM-TA060-180-30-28 Datasheet
31Kb / 1P
6 - 18 GHz 28 dBm Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-83563-TR1G AVAGO-MGA-83563-TR1G Datasheet
325Kb / 22P
22 dBm PSAT 3V Power Amplifier for 0.5??6 GHz Applications
logo
Transcom, Inc.
TA005-025-10-24 TRANSCOM-TA005-025-10-24 Datasheet
39Kb / 1P
0.5 - 2.5 GHz 24 dBm Amplifier
TA005-025-14-19 TRANSCOM-TA005-025-14-19 Datasheet
39Kb / 1P
0.5 - 2.5 GHz 19 dBm Amplifier
TA005-025-23-24 TRANSCOM-TA005-025-23-24 Datasheet
39Kb / 1P
0.5 - 2.5 GHz 24 dBm Amplifier
TA005-025-25-20 TRANSCOM-TA005-025-25-20 Datasheet
39Kb / 1P
0.5 - 2.5 GHz 20 dBm Amplifier
logo
Broadcom Corporation.
DEMO-MGA-565P8 BOARDCOM-DEMO-MGA-565P8 Datasheet
312Kb / 12P
20 dBm Psat High Isolation Buffer Amplifier
logo
Analog Devices
HMC7885 AD-HMC7885 Datasheet
304Kb / 11P
2 GHz to 6 GHz, 45 dBm Power Amplifier
1/2017-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com