Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5010 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC5010
Description  Full-Featured High- or Low-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5010 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC5010 Datasheet HTML 8Page - Micrel Semiconductor MIC5010 Datasheet HTML 9Page - Micrel Semiconductor MIC5010 Datasheet HTML 10Page - Micrel Semiconductor MIC5010 Datasheet HTML 11Page - Micrel Semiconductor MIC5010 Datasheet HTML 12Page - Micrel Semiconductor MIC5010 Datasheet HTML 13Page - Micrel Semiconductor MIC5010 Datasheet HTML 14Page - Micrel Semiconductor MIC5010 Datasheet HTML 15Page - Micrel Semiconductor MIC5010 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
April 1998
5-99
MIC5010
Micrel
5
cross conduction. Both the top- and bottom-side drivers are
protected, so the output can be shorted to either rail without
damage.
The top-side driver is based on the bootstrapped circuit of
Figure 6, and cannot be switched on indefinitely. The
bootstrap capacitor (1
µF) relies on being pulled to ground
by the bottom-side output to recharge. This limits the
maximum duty cycle to slightly less than 100%.
Two of these circuits can be connected together to form an
H-bridge. If the H-bridge is used for locked antiphase
control, no special considerations are necessary. In the
case of sign/magnitude control, the “sign” leg of the H-
bridge should be held low (PWM input held low) while the
other leg is driven by the magnitude signal.
If current feedback is required for torque control, it is
available in chopped form at the bottom-side driver's 22m
Ω
current-sensing resistor.
Time-Delay Relay (Figure 12). The MIC5010 forms the
basis of a simple time-delay relay. As shown, the delay
commences when power is applied, but the 100k
Ω/1N4148
could be independently driven from an external source such
as a switch or another high-side driver to give a delay
relative to some other event in the system.
Hysteresis has been added to guarantee clean switching at
turn-on. Note that an over-current condition latches the
relay in a safe, OFF condition. Operation is restored by
either cycling power or by momentarily shorting pin 3 to
ground.
Motor Driver with Stall Shutdown (Figure 13). Tachom-
eter feedback can be used to shut down a motor driver
circuit when a stall condition occurs. The control switch is a
3-way type; the “START” position is momentary and forces
the driver ON. When released, the switch returns to the
“RUN” position, and the tachometer's output is used to hold
the MIC5010 input ON. If the motor slows down, the tach
output is reduced, and the MIC5010 switches OFF. Resis-
tor “R” sets the shutdown threshold. If the output current
exceeds 30A, the MIC5010 shuts down and remains in that
condition until the momentary “RESET” button is pushed.
Control is then returned to the START/RUN/STOP switch.
Inhibit
Input
Thresh
Sense
Source
Gnd
Fault
V+
C1
Com
C2
Gate
1
2
3
4
5
6
78
9
10
11
12
13
14
MIC5010
IRFP250
100µF
6.2k
Ω
Figure 10. High-Voltage
Bootstrapped Driver
+
NC
NC
10m
Ω
1N4003
90V
100k
Ω
1k
Ω
100k
Ω
4N35
33k
Ω
33pF
MPSA05
10mA
Control Input
M
1nF
15V
1N4003 (2)
15Vp-p, 20kHz
Squarewave
1N4746
100nF
200V
KC1000-4T
(Kelvin)
1/4 HP, 90V
5BPB56HAA100
(GE)
Applications Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com