Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM92 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM92
Description  짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM92 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM92 Datasheet HTML 4Page - National Semiconductor (TI) LM92 Datasheet HTML 5Page - National Semiconductor (TI) LM92 Datasheet HTML 6Page - National Semiconductor (TI) LM92 Datasheet HTML 7Page - National Semiconductor (TI) LM92 Datasheet HTML 8Page - National Semiconductor (TI) LM92 Datasheet HTML 9Page - National Semiconductor (TI) LM92 Datasheet HTML 10Page - National Semiconductor (TI) LM92 Datasheet HTML 11Page - National Semiconductor (TI) LM92 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
1.0 Functional Description
The LM92 temperature sensor incorporates a band-gap type
temperature sensor, 13-bit ADC, and a digital comparator
with user-programmable upper and lower limit values. The
comparator activates either the INT line for temperatures
outside the T
LOW and THIGH window, or the T_CRIT_A line
for temperatures which exceed T_CRIT. The lines are pro-
grammable for mode and polarity.
1.1 TEMPERATURE COMPARISON
LM92 provides a window comparison against a lower (T
LOW)
and upper (T
HIGH)
trip point. A second upper trip point
(T_CRIT) functions as a critical alarm shutdown.
Figure 3
depicts the comparison function as well as the modes of op-
eration.
1.1.1 STATUS BITS
The internal Status bits operate as follows:
“True”:
Temperature above a T
HIGH or T_CRIT is “true” for
those respective bits. A “true” for T
LOW is temperature below
T
LOW.
“False”:
Assuming temperature has previously crossed
above T
HIGH or T_CRIT, then the temperature must drop be-
low the points corresponding T
HYST
(T
HIGH
−T
HYST
or
T_CRIT − T
HYST) in order for the condition to be false. For
T
LOW, assuming temperature has previously crossed below
T
LOW, a “false” occurs when temperature goes above TLOW
+T
HYST.
The Status bits are not affected by reads or any other ac-
tions, and always represent the state of temperature vs. set-
points.
1.1.2 HARDWIRE OUTPUTS
The T_CRIT_A hardwire output mirrors the T_CRIT_A flag,
when the flag is true, the T_CRIT_A output is asserted at all
times regardless of mode. Reading the LM92 has no effect
on the T_CRIT_A output, although the internal conversion is
restarted.
The behavior of the INT hardwire output is as follows:
Comparator Interrupt Mode (Default):
User reading part
resets output until next measurement completes. If condition
is still true, output is set again at end of next conversion
cycle. For example, if a user never reads the part, and tem-
perature goes below T
LOW then INT becomes active. It
would stay that way until temperature goes above T
LOW +
T
HYST. However if the user reads the part, the output would
be reset. At the end of the next conversion cycle, if the con-
dition is true, it is set again. If not, it remains reset.
Event Interrupt Mode:
User reading part resets output un-
til next condition
″event″ occurs (in other words, output is
only set once for a true condition, if reset by a read, it re-
mains reset until the next triggering threshold has been
crossed). Conversely, if a user never read the part, the out-
put would stay set indefinitely after the first event that set the
output. An “event” for Event Interrupt Mode is defined as:
1.
Transitioning upward across a setpoint, or
2.
Transitioning downward across a setpoint’s correspond-
ing hysteresis (after having exceeded that setpoint).
For example, if a user never read the part, and temperature
went below T
LOW then INT would become active. It would
stay that way forever if a user never read the part.
However if the user read the part, the output would be reset.
Even if the condition is true, it will remain reset. The tem-
perature must cross above T
LOW +THYST to set the output
again.
In either mode, reading any register in the LM92 restarts the
conversion. This allows a designer to know exactly when the
LM92 begins a comparison. This prevents unnecessary In-
terrupts just after reprogramming setpoints. Typically, sys-
tem Interrupt inputs are masked prior to reprogramming trip
points. By doing a read just after resetting trip points, but
prior to unmasking, unexpected Interrupts are prevented.
Avoid programming setpoints so close that their hysteresis
values overlap. An example would be that with a T
HYST value
of 2 ˚C then setting T
HIGH and TLOW to within 4 ˚C of each
other will violate this restriction. To be more specific, with
T
HYST
set to 2 ˚C assume T
HIGH set to 64 ˚C. If TLOW is set
equal to, or higher than 60 ˚C this restriction is violated.
1.2 DEFAULT SETTINGS
The LM92 always powers up in a known state. LM92 power
up default conditions are:
1.
Comparator Interrupt Mode
2.
T
LOW set to 10 ˚C
3.
T
HIGH set to 64 ˚C
4.
T_CRIT set to 80 ˚C
5.
T
HYST set to 2 ˚C
6.
INT and T_CRIT_A active low
7.
Pointer set to “00”; Temperature Register
The LM92 registers will always reset to these default values
when the power supply voltage is brought up from zero volts
as the supply crosses the voltage level plotted in the follow-
ing curve. The LM92 registers will reset again when the
power supply drops below the voltage plotted in this curve.
1.3 SERIAL BUS INTERFACE
The LM92 operates as a slave on the Serial Bus, so the SCL
line is an input (no clock is generated by the LM92) and the
SDA line is a bi-directional serial data line. According to Se-
rial Bus specifications, the LM92 has a 7-bit slave address.
The five most significant bits of the slave address are hard
wired inside the LM92 and are “10010”. The two least signifi-
cant bits of the address are assigned to pins A1–A0, and are
set by connecting these pins to ground for a low, (0); or to
+V
S for a high, (1).
Average Power on Reset Voltage
vs Temperature
DS101051-18
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com