Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM92 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM92
Description  짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM92 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM92 Datasheet HTML 10Page - National Semiconductor (TI) LM92 Datasheet HTML 11Page - National Semiconductor (TI) LM92 Datasheet HTML 12Page - National Semiconductor (TI) LM92 Datasheet HTML 13Page - National Semiconductor (TI) LM92 Datasheet HTML 14Page - National Semiconductor (TI) LM92 Datasheet HTML 15Page - National Semiconductor (TI) LM92 Datasheet HTML 16Page - National Semiconductor (TI) LM92 Datasheet HTML 17Page - National Semiconductor (TI) LM92 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
3.0 Application Hints
The temperature response graph in
Figure 7 depicts a typi-
cal application designed to meet ACPI requirements. In this
type of application, the temperature scale is given an arbi-
trary value of
″granularity″, or the window within which tem-
perature notification events should occur. The LM92 can be
programmed to the window size chosen by the designer, and
will issue interrupts to the processor whenever the window
limits have been crossed. The internal flags permit quick de-
termination of whether the temperature is rising or falling.
The T_CRIT limit would typically use its separate output to
activate hardware shutdown circuitry separate from the pro-
cessor. This is done because it is expected that if tempera-
ture has gotten this high that the processor may not be re-
sponding. The separate circuitry can then shut down the
system, usually by shutting down the power supply.
Note that the INT and T_CRIT_A outputs are separate, but
can be wire-or’d together. Alternatively the T_CRIT_A can be
diode or’d to the INT line in such a way that a T_CRIT_A
event activates the INT line, but an INT event does not acti-
vate the T_CRIT_A line. This may be useful in the event that
it is desirable to notify both the processor and separate
T_CRIT_A shutdown circuitry of a critical temperature alarm
at the same time (maybe the processor is still working and
can coordinate a graceful shutdown with the separate shut-
down circuit).
To implement ACPI compatible sensing it is necessary to
sense whenever the temperature goes outside the window,
issue an interrupt, service the interrupt, and reprogram the
window according to the desired granularity of the tempera-
ture scale. The reprogrammed window will now have the cur-
rent temperature inside it, ready to issue an interrupt when-
ever the temperature deviates from the current window.
To understand this graph, assume that at the left hand side
the system is at some nominal temperature. For the 1st
event temperature rises above the upper window limit,
T
HIGH, causing INT to go active. The system responds to the
interrupt by querying the LM92’s status bits and determines
that T
HIGH was exceeded, indicating that temperature is ris-
ing. The system then reprograms the temperature limits to a
value higher by an amount equal to the desired granularity.
Note that in Event Interrupt Mode, reprogramming the limits
has caused a second, known, interrupt to be issued since
temperature has been returned within the window. In Com-
parator Interrupt Mode, the LM92 simply stops issuing inter-
rupts.
The 2nd event is another identical rise in temperature. The
3rd event is typical of a drop in temperature. This is one of
the conditions that demonstrates the power of the LM92, as
the user receives notification that a lower limit is exceeded in
such a way that temperature is dropping.
The Critical Alarm Event activates the separate T_CRIT_A
output. Typically, this would feed circuitry separate from the
processor on the assumption that if the system reached this
temperature, the processor might not be responding.
DS101051-15
Note: Event Interrupt mode is drawn as if the user is reading the part. If the user doesn’t read, the outputs would go low and stay that way until the LM92 is read.
FIGURE 7. Temperature Response Diagram for ACPI Implementation
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com