Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM92CIM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM92CIM
Description  짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM92CIM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM92CIM Datasheet HTML 3Page - National Semiconductor (TI) LM92CIM Datasheet HTML 4Page - National Semiconductor (TI) LM92CIM Datasheet HTML 5Page - National Semiconductor (TI) LM92CIM Datasheet HTML 6Page - National Semiconductor (TI) LM92CIM Datasheet HTML 7Page - National Semiconductor (TI) LM92CIM Datasheet HTML 8Page - National Semiconductor (TI) LM92CIM Datasheet HTML 9Page - National Semiconductor (TI) LM92CIM Datasheet HTML 10Page - National Semiconductor (TI) LM92CIM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Electrical Characteristics (Continued)
Note 11: Linearity Error is defined as the worse case difference of an actual reading to that of a calculated reading derived from the straight line whose endpoints
are measured at 30˚C and 125˚C for the range of 30˚C to 125˚C or whose endpoints are measured at 30˚C and −25˚C for the range of 30˚C to −25˚.
Note 12: Offset Error calibration should be done at 30˚C. The residual error of the transfer function is then equivalent to the Accuracy Limit minus the Offset Limit.
This does not take into account the power supply sensitivity of the offset error. Nor, does it take into account the error introduced by the calibration system used.
Note 13: This specification is provided only to indicate how often temperature data is updated. The LM92 can be read at any time without regard to conversion state
(and will yield last conversion result). If a conversion is in process it will be interrupted and restarted after the end of the read.
Note 14: For best accuracy, minimize output loading. 10k pull-ups resistors should be sufficient. Higher sink currents can affect sensor accuracy with internal heat-
ing. This can cause an error of 0.64 ˚C at full rated sink current and saturation voltage based on junction-to-ambient thermal resistance.
Note 15: Hysteresis value adds to the TLOW setpoint value (e.g.: if TLOW setpoint = 10 ˚C, and hysteresis = 2 ˚C, then actual hysteresis point is 10+2 = 12 ˚C); and
subtracts from the THIGH and T_CRIT setpoints (e.g.: if THIGH setpoint = 64 ˚C, and hysteresis = 2 ˚C, then actual hysteresis point is 64−2 = 62 ˚C). For a detailed
discussion of the function of hysteresis refer to
Section 1.1, TEMPERATURE COMPARISON, and Figure 3.
Note 16: Default values set at power up.
Note 17: Holding the SDA and/or SCL lines Low for a time interval greater than tTIMEOUT will cause the LM92 to reset SCL and SDA to the IDLE state of the serial
bus communication (SDA and SCL set High).
DS101051-5
FIGURE 2. Temperature-to-Digital Transfer Function (Non-linear scale for clarity)
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com