Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM92CIM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM92CIM
Description  짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM92CIM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM92CIM Datasheet HTML 1Page - National Semiconductor (TI) LM92CIM Datasheet HTML 2Page - National Semiconductor (TI) LM92CIM Datasheet HTML 3Page - National Semiconductor (TI) LM92CIM Datasheet HTML 4Page - National Semiconductor (TI) LM92CIM Datasheet HTML 5Page - National Semiconductor (TI) LM92CIM Datasheet HTML 6Page - National Semiconductor (TI) LM92CIM Datasheet HTML 7Page - National Semiconductor (TI) LM92CIM Datasheet HTML 8Page - National Semiconductor (TI) LM92CIM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Connection Diagram
Ordering Information
Order Number
Supply Voltage
Supplied As
LM92CIM
2.7V to 5.5V
LM92CIMX
2.7V to 5.5V
2500 Units on Tape and Reel
Pin Descriptions
Label
Pin #
Function
Typical Connection
SDA
1
Serial Bi-Directional Data Line. Open Drain Output
From Controller
SCL
2
Serial Bus Clock Input
From Controller
T_CRIT_A
3
Critical Temperature Alarm Open Drain Output
Pull Up Resistor, Controller Interrupt Line
or System Hardware Shutdown
GND
4
Power Supply Ground
Ground
INT
5
Interrupt Open Drain Output
Pull Up Resistor, Controller Interrupt Line
+V
S
8
Positive Supply Voltage Input
DC Voltage from 2.7V to 5.5V
A0–A1
7,6
User-Set Address Inputs
Ground (Low, “0”) or +V
S (High, “1”)
Typical Application
SO-8
DS101051-2
LM92
See NS Package Number M08A
DS101051-3
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com