Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L486 Datasheet(PDF) 3 Page - IXYS Corporation

Part # L486
Description  IGBT Modules Sixpack, H Bridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L486 Datasheet(HTML) 3 Page - IXYS Corporation

  L486 Datasheet HTML 1Page - IXYS Corporation L486 Datasheet HTML 2Page - IXYS Corporation L486 Datasheet HTML 3Page - IXYS Corporation L486 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2004 IXYS All rights reserved
3 - 4
MWI 100-12 E8
MKI 100-12 E8
IXYS reserves the right to change limits, test conditions and dimensions.
0
200
400
600
800
1000
0
30
60
90
0
50
100
150
200
250
300
01234
5
0
50
100
150
200
250
300
0
200
400
600
800
1000
0
5
10
15
20
01
234
5
0
50
100
150
200
250
300
V
CE
V
I
C
V
CE
A
I
C
V
nC
Q
G
-di/dt
V
V
GE
I
RM
t
rr
A/
µs
MWI100-12E8
I
RM
t
rr
A
9 V
11 V
A
56789
10
0
50
100
150
200
250
300
V
V
GE
A
I
C
012
3
0
50
100
150
200
250
300
V
V
F
I
F
A
ns
15 V
T
VJ = 25°C
9 V
11 V
13 V
V
GE = 17 V
T
VJ = 125°C
T
VJ = 125°C
T
VJ = 25°C
V
CE = 20 V
T
VJ = 125°C
T
VJ = 25°C
13 V
V
GE = 17 V
15 V
T
VJ = 125°C
V
R =
600 V
I
F =
120 A
V
CE = 600 V
I
C
= 150 A
Fig. 1 Typ. output characteristics
Fig. 2
Typ. output characteristics
Fig. 3 Typ. transfer characteristics
Fig. 4
Typ. forward characteristics
of free wheeling diode
Fig. 5 Typ. turn on gate charge
Fig. 6
Typ. turn off characteristics
of free wheeling diode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com