Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L486 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L486
Description  IGBT Modules Sixpack, H Bridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L486 Datasheet(HTML) 1 Page - IXYS Corporation

  L486 Datasheet HTML 1Page - IXYS Corporation L486 Datasheet HTML 2Page - IXYS Corporation L486 Datasheet HTML 3Page - IXYS Corporation L486 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2004 IXYS All rights reserved
1 - 4
MWI 100-12 E8
MKI 100-12 E8
IXYS reserves the right to change limits, test conditions and dimensions.
Features
• NPT3 IGBTs
- low saturation voltage
- positive temperature coefficient for
easy paralleling
- fast switching
- short tail current for optimized
performance also in resonant circuits
• HiPerFREDTM diode:
- fast reverse recovery
- low operating forward voltage
- low leakage current
• Industry Standard Package
- solderable pins for PCB mounting
- isolated copper base plate
Typical Applications
• MWI
- AC drives
- power supplies with power factor
correction
• MKI
- motor control
. DC motor amature winding
. DC motor excitation winding
. synchronous motor excitation winding
- supply of transformer primary winding
. power supplies
. welding
. X-ray
. battery charger
I
C25
= 165 A
V
CES
= 1200 V
V
CE(sat) typ. = 2.0 V
IGBT Modules
Sixpack, H Bridge
Short Circuit SOA Capability
Square RBSOA
13, 21
14, 20
1
2
3
4
7
8
9
10
11
12
5
6
17
19
15
MWI
IGBTs
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
1200
V
V
GES
± 20
V
I
C25
T
C =
25°C
165
A
I
C80
T
C =
80°C
115
A
I
CM
V
GE = ±15 V; RG = 12 Ω; TVJ = 125°C
200
A
V
CEK
RBSOA; clamped inductive load; L = 100 µH
V
CES
t
SC
V
CE = 900 V; VGE = ±15 V; RG = 12 Ω; TVJ = 125°C
10
µs
SCSOA; non-repetitive
P
tot
T
C = 25°C
640
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 100 A; VGE = 15 V; TVJ =
25°C
2.0
2.5
V
T
VJ = 125°C
2.3
V
V
GE(th)
I
C = 4 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES;
V
GE = 0 V;
T
VJ =
25°C
1.4
mA
T
VJ = 125°C
1.4
mA
I
GES
V
CE = 0 V; VGE = ± 20 V
400
nA
t
d(on)
330
ns
t
r
15
ns
t
d(off)
750
ns
t
f
45
ns
E
on
12
mJ
E
off
10
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
7.4
nF
Q
Gon
V
CE = 600 V; VGE = 15 V; IC = 150 A
0.76
µC
R
thJC
(per IGBT)
0.19 K/W
Inductive load, T
VJ = 125°C
V
CE = 600 V; IC = 100 A
V
GE = ±15 V; RG = 12
Ω
MKI
19
15
9
10
11
12
13, 21
14, 20
1
2
3
4


Similar Part No. - L486

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
L4863 UTC-L4863 Datasheet
219Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
L4863-D16-T UTC-L4863-D16-T Datasheet
449Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
L4863-D16-T UTC-L4863-D16-T Datasheet
219Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
L4863-D16-T UTC-L4863-D16-T Datasheet
219Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results

Similar Description - L486

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MWI25-12A7 IXYS-MWI25-12A7 Datasheet
105Kb / 4P
IGBT Modules Sixpack
MWI50-12A7 IXYS-MWI50-12A7 Datasheet
111Kb / 4P
IGBT Modules Sixpack
MWI35-12A5 IXYS-MWI35-12A5 Datasheet
120Kb / 4P
IGBT Modules Sixpack
MKI50-06A7 IXYS-MKI50-06A7 Datasheet
78Kb / 4P
IGBT Modules H-Bridge
MWI50-12A5 IXYS-MWI50-12A5 Datasheet
121Kb / 4P
IGBT Modules Sixpack
MWI75-12A5 IXYS-MWI75-12A5 Datasheet
121Kb / 4P
IGBT Modules Sixpack
MWI100-12A8 IXYS-MWI100-12A8 Datasheet
238Kb / 4P
IGBT Modules Sixpack
logo
Sensitron
MWI50-12E6K SENSITRON-MWI50-12E6K Datasheet
135Kb / 2P
IGBT Module Sixpack
logo
IXYS Corporation
MWI15-12A7 IXYS-MWI15-12A7 Datasheet
137Kb / 4P
IGBT Modules Sixpack
MWI450-12E9 IXYS-MWI450-12E9 Datasheet
479Kb / 5P
IGBT Modules Sixpack
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com