Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2425 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2425
Description  220V Monolithic Triple Channel 10 MHz CRT DTV Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2425 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2425 Datasheet HTML 1Page - National Semiconductor (TI) LM2425 Datasheet HTML 2Page - National Semiconductor (TI) LM2425 Datasheet HTML 3Page - National Semiconductor (TI) LM2425 Datasheet HTML 4Page - National Semiconductor (TI) LM2425 Datasheet HTML 5Page - National Semiconductor (TI) LM2425 Datasheet HTML 6Page - National Semiconductor (TI) LM2425 Datasheet HTML 7Page - National Semiconductor (TI) LM2425 Datasheet HTML 8Page - National Semiconductor (TI) LM2425 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM2425
220V Monolithic Triple Channel 10 MHz CRT DTV Driver
General Description
The LM2425 is a triple channel high voltage CRT driver
circuit designed for use in DTV applications. The IC contains
three high input impedance, wide band amplifiers which
directly drive the RGB cathodes of a CRT. Each channel has
its gain internally set to −53 and can drive CRT capacitive
loads as well as resistive loads present in other applications,
limited only by the package’s power dissipation.
The IC is packaged in an industry standard 11-lead TO-220
molded plastic power package designed specifically to meet
high voltage spacing requirements. See Thermal Consider-
ations section.
Features
n
15 MHz bandwidth at 130V
PP output swing
n
Up to 170V
PP output swing with AC coupling to
cathodes
n
0V to 5V input voltage range
n
Stable with 0 pF–20 pF capacitive loads and inductive
peaking networks
n
Convenient TO-220 staggered thin lead package style
Applications
n
AC or DC coupled DTV applications.
Connection Diagram
Schematic Diagram
20124101
FIGURE 1. Top View
Order Number LM2425TE
See NS Package Number TE11B NOPB
Available only with lead free plating
20124102
FIGURE 2. Simplified Schematic Diagram
(One Channel)
November 2004
© 2004 National Semiconductor Corporation
DS201241
www.national.com


Similar Part No. - LM2425

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM242-155.52M CONNOR-WINFIELD-LM242-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM2421 NSC-LM2421 Datasheet
998Kb / 13P
Monolithic Triple Channel HDTV Driver
LM2421TA NSC-LM2421TA Datasheet
998Kb / 13P
Monolithic Triple Channel HDTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
602Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results

Similar Description - LM2425

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2451 NSC-LM2451 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2452 NSC-LM2452 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 17 MHz DC Coupled CRT DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2450 TI1-LM2450 Datasheet
3Mb / 14P
Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com