Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3557 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3557
Description  Step-Up Converter for White LED Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3557 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3557 Datasheet HTML 1Page - National Semiconductor (TI) LM3557 Datasheet HTML 2Page - National Semiconductor (TI) LM3557 Datasheet HTML 3Page - National Semiconductor (TI) LM3557 Datasheet HTML 4Page - National Semiconductor (TI) LM3557 Datasheet HTML 5Page - National Semiconductor (TI) LM3557 Datasheet HTML 6Page - National Semiconductor (TI) LM3557 Datasheet HTML 7Page - National Semiconductor (TI) LM3557 Datasheet HTML 8Page - National Semiconductor (TI) LM3557 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM3557
Step-Up Converter for White LED Applications
General Description
The LM3557 is a complete solution for white LED drive
applications. With minimal external component count, no DC
current leakage paths to ground, cycle-by-cycle current limit
protection, and output over-voltage protection circuitry, the
LM3557 offer superior performance and cost savings over
standard DC/DC boost component implementations.
The LM3557 switches at a fixed-frequency of 1.25 MHz,
which allows for the use of small external components. Also,
the LM3557 has a wide input voltage range to take advan-
tage of multi-cell input applications. With small external com-
ponents, high fixed frequency operation, and wide input
voltage range, the LM3557 is the most optimal choice for
LED lighting applications.
Features
n
V
IN Range: 2.7V–7.5V
n
Small External Components
n
1.25 MHz Constant-Switching Frequency
n
Output Over-Voltage Protection
n
Input Under-Voltage Protection
n
Cycle-By-Cycle Current Limit
n
TRUE SHUTDOWN: No DC current paths to ground
during shutdown
n
Low Profile Package: <1 mm Height -8 Pin LLP
n
No External Compensation
Applications
n
White LED Display Lighting
n
Cellular Phones
n
PDAs
Typical Application Circuit
20131601
FIGURE 1. Backlight Configuration
November 2004
© 2004 National Semiconductor Corporation
DS201316
www.national.com


Similar Part No. - LM3557

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557SD-2 NSC-LM3557SD-2 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557SD-2/NOPB TI1-LM3557SD-2/NOPB Datasheet
944Kb / 19P
Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557SDX-2 NSC-LM3557SDX-2 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
More results

Similar Description - LM3557

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
Step-Up Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
Step-Up Converter for White LED Applications
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
Step-Up Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com