Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3557 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3557
Description  Step-Up Converter for White LED Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3557 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3557 Datasheet HTML 3Page - National Semiconductor (TI) LM3557 Datasheet HTML 4Page - National Semiconductor (TI) LM3557 Datasheet HTML 5Page - National Semiconductor (TI) LM3557 Datasheet HTML 6Page - National Semiconductor (TI) LM3557 Datasheet HTML 7Page - National Semiconductor (TI) LM3557 Datasheet HTML 8Page - National Semiconductor (TI) LM3557 Datasheet HTML 9Page - National Semiconductor (TI) LM3557 Datasheet HTML 10Page - National Semiconductor (TI) LM3557 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Application Information (Continued)
junction capacitance magnitudes (C
J or CT or CD) are con-
ducive to high efficiency. The chosen diode must have a
reverse breakdown voltage rating (V
R and/or VRRM) that is
larger than the output voltage (V
OUT). No matter what type of
diode is chosen, Schottky or not, certain selection criteria
must be followed:
1.
V
R and VRRM > VOUT
2.
I
F or IO
≥ I
LOAD or IOUT
3.
I
FRM
≥ I
Lpeak
Some recommended diode manufacturers are as follows:
Vishay [www.vishay.com]
Diodes, Inc [www.diodes.com]
On Semiconductor [www.onsemi.com]
LAYOUT CONSIDERATIONS
All components, except for the white LEDs, must be placed
as close as possible to the LM3557. The die attach pad
(DAP) must be soldered to the ground plane.
The input capacitor, Cin, must be placed close to the
LM3557. Placing Cin close to the device will reduce the
metal trace resistance effect on input voltage ripple. The
feedback current setting resistor R2 must be placed close to
the Fb and Sw2 pins. The output capacitor, Cout, must be
placed close to the Ovp and Gnd pin connections. Trace
connections to the inductor should be short and wide to
reduce power dissipation, increase overall efficiency, and
reduce EMI radiation. The diode, like the inductor, should
have trace connections that are short and wide to reduce
power dissipation and increase overall efficiency. For more
details regarding layout guidelines for switching regulators
refer to Applications Note AN-1149.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com