Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS-HTD Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # SS-HTD
Description  RoHS compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SS-HTD Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  SS-HTD Datasheet HTML 1Page - Laird Tech Smart Technology SS-HTD Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
TlamTM SS HTD
Thermally Conductive PCB Substrate
THR-DS-Tlam-SS-HTD 0711
AnyinformationfurnishedbyLairdTechnologies,Inc.anditsagentsisbelievedtobeaccurateandreliable.Allspecificationsaresubjecttochangewithoutnotice.Responsibilityfortheuseandap-
plicationofLairdTechnologiesmaterialsrestswiththeenduser.LairdTechnologiesmakesnowarrantiesastothefitness,merchantability,suitabilityornon-infringementofanyLairdTechnologies
materialsorproductsforanyspecificorgeneraluses.LairdTechnologiesshallnotbeliableforincidentalorconsequentialdamagesofanykind.AllLairdTechnologiesproductsaresoldpursuant
totheLairdTechnologies’TermsandConditionsofsaleineffectfromtimetotime,acopyofwhichwillbefurnisheduponrequest.©Copyright2011LairdTechnologies,Inc.AllRightsReserved.
Laird,LairdTechnologies,theLairdTechnologiesLogo,andothermarksaretrademarksorregisteredtrademarksofLairdTechnolo¬gies,Inc.oranaffiliatecompanythereof.Otherproductor
service names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights. A15997-00 Rev D. 7/1/2011.
OPERATINGVOLTAGE
UNITS
TLam SS HTD04
TLam SS HTD06
Continuous AC, Max
VAC
240
480
Continuous DC, Max
VDC
450
950
Peak Recurring, Max
Vp
600
1200
THERMALPROPERTIES
UNITS
TLam SS HTD04
TLam SS HTD06
Thermal Conductivity
watt/m ºK
2.2
2.2
Thermal Resistance
ºC-in²/watt
(ºC-cm²/watt)
0.072
(0.464)
0.107
(0.690)
GlassTransitionTemperature
ºC
168
168
Soldering Temperature, Maximum
ºC
288
288
Heat Capacity
J/gºC
1.12
1.12
ELECTRICALPROPERTIES
UNITS
TLam SS HTD04
TLam SS HTD06
Dielectric Constant @ 1KHz/1MHz
5.1/4.9
4.9/4.7
Dissipation Factor @ 1KHz
0.007
0.007
Capacitance @ 1KHz
pF/in² (pF/cm²)
287 (45)
191 (31)
VolumeResistivity@25ºC
ohm-cm
1.4E+15
1.4E+15
VolumeResistivity@150ºC
ohm-cm
2.0E+11
2.0E+11
Surface Resistivity
ohm
1.5E+12
1.5E+12
Dielectric Strength
VAC/mil(kVAC/mm)
1000 (39.3)
1000 (39.3)
WithstandVoltage(DC)
VDC
>4000
>6000
MECHANICALPROPERTIES
UNITS
TLam SS HTD04
TLam SS HTD06
Dielectric Thickness
inch (mm)
0.004 (0.102)
0.006 (0.152)
Peel Strength
lbs/in (Kg/cm)
6.5 (1.16)
7.0 (1.25)
CTE<TgXY/Zaxis
ppm/ºC
16/36
16/36
CTE>TgXY/Zaxis
ppm/ºC
18/155
18/155
Young'sModulus@25/150ºC
MPa
13180/6810
13180/6810
Poisson'sRatio25/150ºC
0.277/0.263
0.277/0.263
Flexural Strength 25 ºC
MPa
142
142
AGENCYRATINGS&DURABILITY
UNITS
TLam SS HTD04
TLam SS HTD06
ULContinuousOperatingTemp
ºC
150
150
ULFlammability
E165095
94V0
94V0
Comparative Tracking Index
600
600
Solder Float (4 min. @ 288 ºC)
Pass
Pass
Allpropertiesaretypical@25°C,unlessotherwisespecified.
For design engineer guidance only, observed performance varies in application.
Engineersareremindedtotestthematerialinapplication.
Peel strength is measured with 1oz Cu weight.
All properties are based on nominal thickness.
ThelayoutandprocessmayrequirethickerstartingTpregtomeetnominallaminatedthickness.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com