Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS-HTD Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # SS-HTD
Description  RoHS compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SS-HTD Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SS-HTD Datasheet HTML 1Page - Laird Tech Smart Technology SS-HTD Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
TlamTM SS HTD
Thermally Conductive PCB Substrate
THERMALLY CONDUCTIVE PRINTED CIRCUIT BOARD SUBSTRATE
Tlam SS HTD is a thermally conductive PCB substrate. The construction consists of a copper circuit layer
bonded to an aluminum or copper base plate with 150 C rated Tlam HTD dielectric. Tlam SS HTD laminate
is processed through standard FR4 print and etch operations.
Tlam SS HTD products have 6-8 times better thermal conductivity than FR4--key to keeping components cool.
The Tlam SS HTD boards are run through standard pick and place SMT and manual wire bond processes.
Tlam SS HTD is designed for use in high temperature and/or high-voltage applications typically found in
industrial motor drives and automotive motor controls.
Standard constructions are made with 1 and 2 ounce copper and 0.040 (1mm) and 0.062 (1.6mm) inch thick
aluminum. Custom construction of heavier weight circuit copper and thicker aluminum and copper base
plates are also available.
FEATURES AND BENEFITS
• Lower thermal resistance
• UL® 746 B RTI of 150°C
•Highwithstandvoltage>6000VDC
•RoHScompliant
•Environmentallygreen
•Significantlyreducespowerdevicetemperature
•Leadfreesoldercompatible
Americas: +1.800.843.4556
Europe: +49.8031.2460.0
Asia: +86.755.2714.1166
CLV-customerservice@lairdtech.com
www.lairdtech.com/thermal
APPLICATIONS
• Automotive-LVunderhoodandEVmotordrives
• 120-480VACcommercialandindustrialmotor
drives,UPSandwelders
• PowerSupplies-AC/DCandDC/DCfortelecom
and commercial products


Similar Part No. - SS-HTD

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SS-HTD03 LSTD-SS-HTD03 Datasheet
242Kb / 2P
High temperature applications
More results

Similar Description - SS-HTD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com