Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8276 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8276
Description  High Common Mode, Gain of 20, Bidirectional Precision Voltage Difference Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8276 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMP8276 Datasheet HTML 1Page - National Semiconductor (TI) LMP8276 Datasheet HTML 2Page - National Semiconductor (TI) LMP8276 Datasheet HTML 3Page - National Semiconductor (TI) LMP8276 Datasheet HTML 4Page - National Semiconductor (TI) LMP8276 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5V Electrical Characteristics (Note 7) (Continued)
Unless otherwise specified, all limits guaranteed for T
A = 25˚C, VS = 5V, GND= 0, -2V
≤V
CM
≤27V. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
(Note
4)
Max
Units
SR
Slew Rate (Note 6)
0.7
V/µs
BW
Bandwidth
80
KHz
Noise
0.1Hz ro 10Hz
TBD
µVpp
Spectral Density
TBD
nV/
√Hz
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics Tables.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF. Machine model: 0Ω in series with 200 pF.
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
Note 4: Typical values represent the most likely parametric norm.
Note 5: Positive current corresponds to current flowing into the device.
Note 6: Slew rate is the average of the rising and falling slew rates.
Note 7: Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device.
Connection Diagram
8–Pin SOIC
20130802
Top View
Application Note
The LMP8271, LMP8276 are single supply amplifier with a
fixed gain of 20 and an extended common mode voltage
range of -2V to 36V. The fixed gain is achieved in two
separate stages, a pre-amplifier with gain of +10 and a
second stage amplifier with gain of +2. A block diagram of
the LMP8271, LMP8276 is shown in Figure 1.
The overall offset of the LMP8271, LMP8276 is minimized by
trimming amplifier A1. This is done so that the output re-
ferred offset of A1 cancels the input referred offset of A2 or
10V
OS1 =-VOS2
Because of this offset voltage relationship, the offset of each
individual amplifier stage maybe more than the limit speci-
fied for the overall system in the datasheet tables. Care must
be given when pin 3 and 4, A1 and A2, are connected to
each other. If the signal going from A1 to A2 is amplified or
attenuated (by use of amplifiers and resistors), the overall
LMP8271, LMP8276 offset will be affected as a result. Fil-
tering the signal between A1 and A2 or simply connecting the
two pins will not change the offset of the LMP8271,
LMP8276.
Referencing input referred offset voltages, the following re-
lationship holds:
If the signal on pin 3 is scaled, attenuated or amplified, by a
factor X then the offset of the overall system will become:
20130803
FIGURE 1.
www.national.com
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com