Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8276 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8276
Description  High Common Mode, Gain of 20, Bidirectional Precision Voltage Difference Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8276 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMP8276 Datasheet HTML 1Page - National Semiconductor (TI) LMP8276 Datasheet HTML 2Page - National Semiconductor (TI) LMP8276 Datasheet HTML 3Page - National Semiconductor (TI) LMP8276 Datasheet HTML 4Page - National Semiconductor (TI) LMP8276 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LMP8271, LMP8276
High Common Mode, Gain of 20, Bidirectional Precision
Voltage Difference Amplifiers
General Description
The LMP™8271, LMP8276 are fixed gain differential ampli-
fiers with a -2V to 27V input common mode voltage range
and a supply voltage range of 4.5V to 5.5V. The LMP8271,
LMP8276 are precision amplifiers which will detect, amplify
and filter small differential signals in the presence of high
common mode voltages. The gain is fixed at 20 and is
adequate to drive an ADC to full scale in most cases. This
fixed gain is achieved in two separate stages, a pre-amplifier
with gain of +10 and a second stage amplifier with a gain of
+2. The internal signal path is brought out on two pins that
provide a connection for a filter network.
The LMP8271, LMP8276 will function with reduced specifi-
cations over the extended common mode input voltage
range of -5 to 36 Volts. This feature makes the device
suitable for applications with load dump in automotive sys-
tems.
The midrail offset adjustment pin enables the user to utilize
this device for bidirectional current sensing. This is achieved
by adjusting an externally set voltage reference. Accurate
bidirectional load current measurements are achieved when
monitoring the output with respect to this reference voltage
Features
n
Bidirectional Current Sense Capability
n
Typical Values, TA = 25˚C
n
Input Offset Voltage
1mV max
n
TCVos (LMP8271)
15µV/˚C max
n
TCVos (LMP8276)
30µV/˚C max
n
CMRR
80dB Min
n
Extended CMVR
-5V to 36V
n
Output Voltage Swing
Rail to Rail
n
Bandwidth
80KHz
n
Operating Temperature Range (Ambient) -40˚C to 125˚C
n
Operating Temperature Range (bare die) -40˚C to 150˚C
n
Supply Voltage
4.5V to 5.5V
n
Supply Current
1mA
Applications
n
Fuel Injection Control
n
Low Side Driver Configuration Current Sensing
n
Power Management Systems
Typical Application
Typical Application: Low side Current Sensing
20130801
LMP™ is a trademark of National Semiconductor Corporation.
PRELIMINARY
January 2005
© 2005 National Semiconductor Corporation
DS201308
www.national.com


Similar Part No. - LMP8276

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8276 TI1-LMP8276 Datasheet
412Kb / 16P
Bidirectional Precision Voltage Difference Amplifier
More results

Similar Description - LMP8276

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD628 AD-AD628 Datasheet
247Kb / 20P
High Common-Mode Voltage Programmable Gain Difference Amplifier
4/04-Data Sheet Changed from Rev. B to Rev. C
logo
National Semiconductor ...
LMP8270 NSC-LMP8270 Datasheet
458Kb / 5P
High Common Mode, Gain of 20, Precision Voltage Difference Amplifiers
LMP8272 NSC-LMP8272 Datasheet
457Kb / 5P
High Common Mode, Gain of 14, Precision Voltage Difference Amplifiers
logo
Analog Devices
AD628 AD-AD628_06 Datasheet
453Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
3/06-Rev. E to Rev. F
AD628 AD-AD628_07 Datasheet
486Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
logo
Texas Instruments
LMP8602 TI1-LMP8602 Datasheet
541Kb / 26P
60V Common Mode, Fixed Gain, Bidirectional Precision
logo
Analog Devices
AD8479 AD-AD8479 Datasheet
409Kb / 16P
Very High Common-Mode Voltage Precision Difference Amplifier
REV. 0
AD628 AD-AD628_15 Datasheet
573Kb / 21P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
AD8479 AD-AD8479_15 Datasheet
425Kb / 16P
Very High Common-Mode Voltage Precision Difference Amplifier
9/15-Rev. 0 to Rev. A
AD8479-EP AD-AD8479-EP Datasheet
226Kb / 7P
Very High Common-Mode Voltage Precision Difference Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com