Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8045ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8045ACPZ-R2
Description  3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8045ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
AD8045
Rev. B | Page 3 of 24
SPECIFICATIONS WITH ±5 V SUPPLY
TA = 25°C, G = +1, RS = 100 Ω, RL = 1 kΩ to ground, unless noted otherwise. The exposed paddle must be left floating or connected to −VS.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT = 0.2 V p-p
1000
MHz
G = +1, VOUT = 2 V p-p
300
350
G = +2, VOUT = 0.2 V p-p
320
400
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VOUT = 2 V p-p, RL = 150 Ω
55
MHz
Slew Rate
G = +1, VOUT = 4 V step
1000
1350
V/µs
Settling Time to 0.1%
G = +2, VOUT = 2 V step
7.5
ns
NOISE/HARMONIC PERFORMANCE
Harmonic Distortion (dBc) HD2/HD3
fC = 5 MHz, VOUT = 2 V p-p
LFCSP
−102/−101
dBc
SOIC
−106/−101
dBc
fC = 20 MHz, VOUT = 2 V p-p
LFCSP
−98/−90
dBc
SOIC
−97/−90
dBc
fC = 70 MHz, VOUT = 2 V p-p
LFCSP
−71/−71
dBc
SOIC
−60/−71
dBc
Input Voltage Noise
f = 100 kHz
3
nV/√Hz
Input Current Noise
f = 100 kHz
3
pA/√Hz
Differential Gain Error
NTSC, G = +2, RL = 150 Ω
0.01
%
Differential Phase Error
NTSC, G = +2, RL = 150 Ω
0.01
Degrees
DC PERFORMANCE
Input Offset Voltage
0.2
1.0
mV
Input Offset Voltage Drift
See Figure 54
8
µV/°C
Input Bias Current
2
6.3
µA
Input Bias Current Drift
8
nA/°C
Input Bias Offset Current
0.2
1.3
µA
Open-Loop Gain
VOUT = −3 V to +3 V
62
64
dB
INPUT CHARACTERISTICS
Input Resistance
Common-mode/differential
3.6/1.0
MΩ
Input Capacitance
Common-mode
1.3
pF
Input Common-Mode Voltage Range
±3.8
V
Common-Mode Rejection
VCM = ±1 V
−83
−91
dB
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time
VIN = ±3 V, G = +2
8
ns
Output Voltage Swing
RL = 1 kΩ
−3.8 to +3.8
−3.9 to +3.9
V
RL = 100 Ω
−3.4 to +3.5
−3.6 to +3.6
V
Output Current
70
mA
Short-Circuit Current
Sinking/sourcing
90/170
mA
Capacitive Load Drive
30% overshoot, G = +2
18
pF
POWER SUPPLY
Operating Range
±1.65
±5
±6
V
Quiescent Current
16
19
mA
Positive Power Supply Rejection
+VS = +5 V to +6 V, −VS = −5 V
−61
−68
dB
Negative Power Supply Rejection
+VS = +5 V, −VS = −5 V to −6 V
−66
−73
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com