Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8045ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8045ACPZ-R2
Description  3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8045ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Data Sheet
AD8045
Rev. B | Page 13 of 24
TIME (ns)
200
0
20
40
60
80
100
120
140
160
180
6
4
5
2
3
0
1
–2
–1
–4
–3
–5
–6
G = +2
VS =±5V
f = 5MHz
2 × INPUT
OUTPUT
Figure 43. Output Overdrive Recovery
FREQUENCY (Hz)
1G
10
100
1k
10k
100k
1M
10M
100M
100
10
1
Figure 44. Voltage Noise vs. Frequency
FREQUENCY (Hz)
100M
100
1k
10k
100k
1M
10M
100
10
1
Figure 45. Current Noise vs. Frequency
FREQUENCY (MHz)
1000
0.01
0.1
1
10
100
0
–10
–30
–20
–40
–50
–60
–70
–80
VS =±5V
–PSR
+PSR
Figure 46. Power Supply Rejection vs. Frequency
FREQUENCY (MHz)
1000
0.1
1
10
100
–30
–40
–50
–60
–70
–80
–90
VS =±5V
RF = 499
Figure 47. Common-Mode Rejection vs. Frequency
FREQUENCY (MHz)
1000
1
10
100
100k
10k
1000
100
10
VS =±5V
G = +1
Figure 48. Input Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com