Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2L-3W Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP2L-3W
Description  3W Isolated Wide Input Single And Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2L-3W Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP2L-3W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2L-3W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2L-3W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP2L-3W Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page1 / 3
DESCRIPTION:
TP2L series are a range of isolated 3 Watt converters in a SIP package, 2:1 wide input range and tightly
regulated output voltage qualifies these converters for many cost critical applications in industrial and
consumer electronics. Operating temperature range from -40 ºC to 85 ºC .The internal SMD construction
makes it possible to offer a product with high performance at low cost.
3W Isolated Wide Input Single And Dual Output DC/DC Converters
FEATURES
RoHS compliant
2:1 wide range voltage input
Continuous short circuit protection
Operating temperature: -40ºC to 85ºC
Low regulation
3KVDC Isolation
Efficiency up to 83%
Power density 0.91W/cm
3
Input voltage: 12V, 24V, 48V
Output voltage: 3.3V,5V, 9V, 12V, 15V,24V / ±5V, ±9V, ±12V, ±15V
Low noise
External control
SELECTION GUIDE
Part Number
Input
Output
Efficiency (Typ.)
Voltage(VDC)
Voltage
(VDC)
Current(mA)
Rated
Range values
Max*
VDC
Max.
Min.
%
TP2L12D05S-3W
12 (2:1)
9-18
22
±5
±300
±30
74
TP2L12D09S-3W
12 (2:1)
9-18
22
±9
±167
±16
76
TP2L12D12S-3W
12 (2:1)
9-18
22
±12
±125
±13
78
TP2L12D15S-3W
12 (2:1)
9-18
22
±15
±100
±10
79
TP2L12S03S-3W
12 (2:1)
9-18
22
3.3
909
91
71
TP2L12S05S-3W
12 (2:1)
9-18
22
5
600
60
74
TP2L12S09S-3W
12 (2:1)
9-18
22
9
333
33
76
TP2L12S12S-3W
12 (2:1)
9-18
22
12
250
25
74
TP2L12S15S-3W
12 (2:1)
9-18
22
15
200
20
75
TP2L12S24S-3W
12 (2:1)
9-18
22
24
125
13
78
TP2L24D05S-3W
24 (2:1)
18-36
40
±5
±300
±30
76
TP2L24D09S-3W
24 (2:1)
18-36
40
±9
±167
±17
78
TP2L24D12S-3W
24 (2:1)
18-36
40
±12
±125
±13
79
TP2L24D15S-3W
24 (2:1)
18-36
40
±15
±100
±10
80
TP2L24S03S-3W
24 (2:1)
18-36
40
3.3
909
91
71
TP2L24S05S-3W
24 (2:1)
18-36
40
5
600
60
76
TP2L24S09S-3W
24 (2:1)
18-36
40
9
300
33
78
TP2L24S12S-3W
24 (2:1)
18-36
40
12
250
25
80
TP2L24S15S-3W
24 (2:1)
18-36
40
15
200
20
80
TP2L24S24S-3W
24 (2:1)
18-36
40
24
125
13
82
TP2L48S05S-3W
48 (2:1)
36-72
80
5
600
60
75
TP2L48S12S-3W
48 (2:1)
36-72
80
12
250
25
78
TP2L48S15S-3W
48 (2:1)
36-72
80
15
200
20
80


Similar Part No. - TP2L-3W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W Datasheet
731Kb / 3P
3W 1.5KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W Datasheet
763Kb / 3P
3W 1.6KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W-3KVDC TOPPOWER-TP2L-3W-3KVDC Datasheet
201Kb / 3P
3W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W_17 Datasheet
438Kb / 3P
3W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W_V01 Datasheet
731Kb / 3P
3W 1.5KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
More results

Similar Description - TP2L-3W

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDT CANDD-NDT Datasheet
157Kb / 2P
Isolated 3W Wide Input Dual Output DC-DC Converters
NDY CANDD-NDY Datasheet
419Kb / 3P
Isolated 3W Wide Input DC-DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
Isolated 3W Wide Input Dual Output DC/DC Converters
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP2D TOPPOWER-TP2D Datasheet
568Kb / 3P
3W 1KVDC Isolated Wide Input Dual Output DC/DC Converters
TP2L-3W-3KVDC TOPPOWER-TP2L-3W-3KVDC Datasheet
201Kb / 3P
3W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W_17 Datasheet
438Kb / 3P
3W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W_V01 Datasheet
731Kb / 3P
3W 1.5KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W_V02 Datasheet
763Kb / 3P
3W 1.6KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com