Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2080 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # M2080
Description  VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2080 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button M2080 Datasheet HTML 6Page - Integrated Circuit Systems M2080 Datasheet HTML 7Page - Integrated Circuit Systems M2080 Datasheet HTML 8Page - Integrated Circuit Systems M2080 Datasheet HTML 9Page - Integrated Circuit Systems M2080 Datasheet HTML 10Page - Integrated Circuit Systems M2080 Datasheet HTML 11Page - Integrated Circuit Systems M2080 Datasheet HTML 12Page - Integrated Circuit Systems M2080 Datasheet HTML 13Page - Integrated Circuit Systems M2080 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
M2080/81/82 Datasheet Rev 0.4
13 of 14
Revised 30Jul2004
Integr ated Circuit Systems , Inc. ● Netw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● tel (5 08) 85 2-54 00
M2080/81/82, M2085/86/87
VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
Preliminar y In f o r m atio n
Integrated
Circuit
Systems, Inc.
DEVICE PACKAGE - 9 x 9mm CERAMIC LEADLESS CHIP CARRIER
Mechanical Dimensions:
Figure 8: Device Package - 9 x 9mm Ceramic Leadless Chip Carrier
Refer to the M208x Series product web page at
www.icst.com/products/summary/m2080-2087.htm
for recommended PCB footprint, solder mask,
furnace profile, and related information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com