Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2080 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # M2080
Description  VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2080 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  M2080 Datasheet HTML 1Page - Integrated Circuit Systems M2080 Datasheet HTML 2Page - Integrated Circuit Systems M2080 Datasheet HTML 3Page - Integrated Circuit Systems M2080 Datasheet HTML 4Page - Integrated Circuit Systems M2080 Datasheet HTML 5Page - Integrated Circuit Systems M2080 Datasheet HTML 6Page - Integrated Circuit Systems M2080 Datasheet HTML 7Page - Integrated Circuit Systems M2080 Datasheet HTML 8Page - Integrated Circuit Systems M2080 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
M2080/81/82 M2085/86/87 Datasheet Rev 0.4
4 of 14
Revised 30Jul2004
I n te g r at ed Ci rcui t Systems , In c. ● N e tw o r ki ng & Co mmun ica t io ns ● ww w. icst.co m ● tel (5 08 ) 85 2-5 4 0 0
Integrated
Circuit
Systems, Inc.
M2080/81/82, M2085/86/87
VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
Preliminar y In f o r m atio n
M2082/87: FEC De-map LUT, Both OTU1 and OTU2
Use this option for both OTU1 or OTU2 de-mapping
applications. The Mfec divider value is kept nearly
constant to maintain similar loop bandwidth using one
set of external filter component values.
P Divider Look-Up Table (LUT)
The P_SEL2:0 pins select the P divider values, which set
the output clock frequency. A P divider of value of 1 will
provide a 622.08MHz output when using a 622.08MHz
VCSO, for example. P divider values of 4, 8, or 32 are
also available, plus a TriState mode. The output can be
placed into the valid states as listed in Table 8.
General Guidelines for Phase Detector Frequency
The phase detector frequency (Fpd) is equal to the
input reference frequency (Fref) divided by the Rfec
divider value, or:
Fpd = Fref / Rfec
• A lower phase detector frequency should be used for
loop timing applications to assure PLL tracking,
especially during GR-253 jitter tolerance testing. The
recommended maximum phase detector frequency
for loop timing mode is 19.44MHz.
• When LOL is to be used for system health monitoring,
the phase detector frequency should be 5MHz or
greater. Low phase detector frequencies make LOL
overly sensitive, and higher phase detector
frequencies make LOL less sensitive. The LOL pin
should not be used during loop timing mode.
• The preceding guideline also applies when using the
AutoSwitch Mode, since AutoSwitch uses the LOL
output for clock fault detection.
FUNCTIONAL DESCRIPTION
The M208x Series is a PLL (Phase Locked Loop) based
clock generator that generates output clocks synchro-
nized to one of two selectable input reference clocks.
An internal high "Q" SAW delay line provides low jitter
signal performance and establishes the output
frequency of the VCSO (Voltage Controlled SAW
Oscillator). In a given M208x Series device, the VCSO
center frequency is fixed. A common center frequency
is 622.08MHz, for SONET or SDH optical network
applications. The VCSO center frequency is specified at
time of order (see “Ordering Information” on pg. 14).
The VCSO has a guaranteed tuning range of
±120 ppm
(commercial temperature grade).
Pin selectable dividers are used within the PLL and
for the output clock. This enables tailoring of device
functionality and performance. The FEC feedback and
reference dividers (the “Mfec Divider” and “Rfec
Divider”) provide the multiplication ratios necessary to
accomodate clock translation for both forward and
inverse Forward Error Correction. The Mfec and Rfec
dividers also control the phase detector frequency. The
feedback divider (labeled “Mfin Divider”) provides the
broader division options needed to accomodate various
reference clock frequencies.
For example, the M2082-11-622.0800 (see “Ordering
Information”
on pg. 14) has a 622.08MHz VCSO
frequency:
• The FEC de-mapper PLL ratios (in Tables 6 and 7)
enable the M2082-11-622.0800 to accept “base” input
reference frequencies of: 666.5143 (OTU1), 669.3266
(OTU2)
, and 622.08MHz (OC-192).
• The Mfin feedback divider enables the actual input
reference clock to be the base input frequency
divided by 1, 4, 8, or 32 or 16. Therefore, for the base
input frequency of 622.08MHz, the actual input
reference clock frequencies can be: 622.08, 155.52,
77.76
, and 19.44 or 38.88MHz. (See Tables 3 and 4 on
pg. 3.)
The P divider scales the VCSO output enabling lower
output frequency selections (Table 8).
FEC_SEL1:0
1
0
Mfec Rfec
Description
Base Input
Rate (MHz)
Fvcso =
Base Output
Rate (MHz)
For M2082 or M2087 with Fvcso = 622.08 (OTU1 or OTU2 FEC rate):
0
0
79 85 237/255 OTU2 to OC-192 decode 669.3266
622.08
0
1
79 79 OC-192 repeater or jitter attenuator
622.08
622.08
1
0
84 90 238/255 OTU1 to OC-48 decode 666.5143
622.08
1
1
84 84 OC-48 repeater or jitter attenuator
622.08
622.08
Table 7: M2082/87: FEC De-map LUT, Both OTU1 and OTU2
P_SEL2:0
P Value
M2080-622.0800 or M2085-622.0800
Output Frequency (MHz)
0
0
0
32
19.44
0
0
1
32
19.44
0
1
0
1
622.08
0
1
1
4
155.52
1
0
0
8
77.76
1
0
1
4
155.52
1
1
0
8
77.76
1
1
1
TriState
N/A
Table 8: P Divider Look-Up Table (LUT)
Key to Device Variants and Look-up Table Options
Device
Variant
Look-up Table Option
Mfin Lookup Table is:
Mfec Look-up Table is:
M2080
Table 3
(includes divider value 32)
Table 5 (FEC mapper LUT)
M2081
Table 6 (FEC de-mapper LUT)
M2082
Table 7 (FEC de-mapper LUT)
M2085
Table 4
(includes divider value 16)
Table 5 (FEC mapper LUT)
M2086
Table 6 (FEC de-mapper LUT)
M2087
Table 7 (FEC de-mapper LUT)
Table 9: Key to Device Variants and Look-up Table Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com