Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP40DG Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP40DG
Description  40W Wide Input Voltage DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP40DG Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP40DG Datasheet HTML 1Page - Toppower Electronic Technology Limited TP40DG Datasheet HTML 2Page - Toppower Electronic Technology Limited TP40DG Datasheet HTML 3Page - Toppower Electronic Technology Limited TP40DG Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TP40DG Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page3 / 4
Units: mm
Tolerance: ± 0.2mm
MECHANICAL DIMENSIONS
PIN CONNECTION
Pin
Single output
Dual output
three output
1
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
3
CTL
CTL
CTL
4
TRM
TRM
/
[4]
/
/
-Vout3
5
-Vout
-Vout
/
[5]
/
/
COM
6
+Vout
/
/
(6)
/
COM
/
[6]
/
/
+Vout1
7
/
+Vout
/
[7]
/
/
+Vout2
MODEL SELECTION
RECOMMEND CIRCUIT
Single Output
:
+ vin
-vin
C in
+
+ V0
C out
+
-V0
D C-DC
TP 40
D G
12 S 05 W
W:4:1 Wide voltage input range
Output voltage
S: Single output
D: Dual output
Input Rated Voltage
Package type
DC-DC
Output rated power
Brand name
50.80
45.72
2.54
12.90
10.16
5.08
10.16
10.16
10.16
10.16
50.80
11.20
1.00
>4.00
1
2
3
7
(6)
5
4
[7]
[6]
[5]
[4]
6
bottom view



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com